Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STJW-680-S Datasheet(PDF) 4 Page - Bourns Electronic Solutions

No. de pieza STJW-680-S
Descripción Electrónicos  BOURNS OFFERS OVER 35 ASSORTED KITS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STJW-680-S Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  STJW-680-S Datasheet HTML 1Page - Bourns Electronic Solutions STJW-680-S Datasheet HTML 2Page - Bourns Electronic Solutions STJW-680-S Datasheet HTML 3Page - Bourns Electronic Solutions STJW-680-S Datasheet HTML 4Page - Bourns Electronic Solutions STJW-680-S Datasheet HTML 5Page - Bourns Electronic Solutions STJW-680-S Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Kit Contains
Part Numbers
Quantity
3313J-1-501E
25
3313J-1-502E
25
3313J-1-103E
25
3313J-1-104E
25
3313J-1-105E
25
3314J-1-501E
25
3314G-1-502E
25
3314J-1-103E
25
3314G-1-104E
25
3314J-1-105E
25
3224W-1-501E
10
3224G-1-502E
10
3224W-1-103E
10
3224G-1-104E
10
3224W-1-105E
10
3364W-1-501E
25
3364W-1-502E
25
3364W-1-103E
25
3364W-1-104E
25
3364W-1-105E
25
3269W-1-501G
10
3269P-1-502G
10
3269W-1-103G
10
3269P-1-104G
10
3269W-1-105E
10
3374W-1-501E
25
3374W-1-502E
25
3374W-1-103E
25
3374W-1-104E
25
3374W-1-105E
25
H-91 Adjustment Tool
1
Kit Contains
Part Numbers
Quantity
3006P-1-502
10
3048L-5-103
3
3224W-1-103
20
3266W-1-203
10
3269W-1-502
20
3292W-1-503
5
3296W-1-203
10
3313J-1-203
20
3314G-1-102
20
3361P-1-103
20
3361S-1-104
20
3329H-1-102
10
3339P-1-503
10
3362P-1-203
10
3374W-1-103
20
3386W-1-103
10
70AAJ-3-M0
20
7914J-1-000
20
DESIGN
KIT
Kit No. H-814-2
Surface Mount Trimmers
DESIGN
KIT
Kit No. H-840
Trimpot ® Products
Kit Contains
Part Numbers
Quantity
3302W-2-103E
20
3303W-3-102E
20
3303W-3-502E
20
3306F-1-202
20
3306K-1-104
20
3306P-1-101
20
3306W-1-502
20
3309P-1-204
20
3309W-1-101
20
3318F-1-103
20
3318K-1-103
20
3319P-2-103
20
3319P-3-203
20
3319W-1-503
20
TC76B-1-502
20
TC76Z-1-103
20
TDB06-6-104
20
TDB10-4-503
20
DESIGN
KIT
Kit No. H-841
Open Frame Trimmers


Número de pieza similar - STJW-680-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
STJW-680-S BOURNS-STJW-680-S Datasheet
232Kb / 2P
   Sealed Tact Switch
STJW-680-STR BOURNS-STJW-680-STR Datasheet
232Kb / 2P
   Sealed Tact Switch
More results

Descripción similar - STJW-680-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
   Bourns Chip Resistors and Arrays
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
3296 BOURNS-3296 Datasheet
121Kb / 2P
   3296 - 3/8 ??Square Trimming Potentiometer - Bourns
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
logo
SparkFun Electronics
COM-14977 SPARKFUN-COM-14977 Datasheet
245Kb / 2P
   LED - Assorted with Resistor 5mm (20 pack)
10-29-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com