Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVXC3245WMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LVXC3245WMX
Descripción Electrónicos  74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245WMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVXC3245WMX Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 8Page - Fairchild Semiconductor 74LVXC3245WMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The A Port unused pins (inputs or I/Os) must be held HIGH or
LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCCA, VCCB)
−0.5V to +7.0V
DC Input Voltage (VI) @ OE, T/R
−0.5V to V
CCA +0.5V
DC Input/Output Voltage (VI/O)
@ An
−0.5V to V
CCA +0.5V
@ Bn
−0.5V to V
CCB +0.5V
DC Input Diode Current (IIK)
@ OE, T/R
±20 mA
DC Output Diode (IOK) Current
±50 mA
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
and Max Current
±200 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
DC Latch-Up Source or Sink Current
±300 mA
Supply Voltage
VCCA
2.7V to 3.6V
VCCB
3.0V to 5.5V
Input Voltage (VI) @ OE, T/R
0V to VCCA
Input Output Voltage (VI/O)
@ An
0V to VCCA
@ Bn
0V to VCCB
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
Δt/ΔV)
8 ns/V
VIN from 30% to 70% of VCC
VCC @ 3.0V, 4.5V, 5.5V
Symbol
Parameter
VCCA
VCCB
TA = 25°CTA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits
VIHA
Minimum HIGH
An,
2.7
3.0
2.0
2.0
V
VOUT ≤ 0.1V
Level Input
OE
3.0
3.6
2.0
2.0
or
Voltage
T/R
3.6
5.5
2.0
2.0
≥V
CC − 0.1V
VIHB
Bn
2.7
3.0
2.0
2.0
3.0
3.6
2.0
2.0
3.6
5.5
3.85
3.85
VILA
Maximum LOW
An,
2.7
3.0
0.8
0.8
V
VOUT ≤ 0.1V
Level Input
OE
3.0
3.6
0.8
0.8
or
Voltage
T/R
3.6
5.5
0.8
0.8
≥V
CC − 0.1V
VILB
Bn
2.7
3.0
0.8
0.8
3.0
3.6
0.8
0.8
3.6
5.5
1.65
1.65
VOHA
Minimum HIGH Level
3.0
3.0
2.99
2.9
2.9
V
IOUT = −100 μA
Output Voltage
3.0
3.0
2.85
2.56
2.46
IOH = −12 mA
3.0
3.0
2.65
2.35
2.25
IOH = −24 mA
2.7
3.0
2.5
2.3
2.2
IOH = −12 mA
2.7
4.5
2.3
2.1
2.0
IOH = −24 mA
VOHB
3.0
3.0
2.99
2.9
2.9
V
IOUT = −100 μA
3.0
3.0
2.85
2.56
2.46
IOH = −12 mA
3.0
3.0
2.65
2.35
2.25
IOH = −24 mA
3.0
4.5
4.25
3.86
3.76
IOH = −24 mA
VOLA
Maximum LOW Level
3.0
3.0
0.002
0.1
0.1
V
IOUT = 100 μA
Output Voltage
3.0
3.0
0.21
0.36
0.44
IOL = 24 mA
2.7
3.0
0.11
0.36
0.44
IOL = 12 mA
2.7
4.5
0.22
0.42
0.5
IOL = 24 mA
VOLB
3.0
3.0
0.002
0.1
0.1
V
IOUT = 100 μA
3.0
3.0
0.21
0.36
0.44
IOL = 24 mA
3.0
4.5
0.18
0.36
0.44
IOL = 24 mA
IIN
Maximum Input
3.6
3.6
±0.1
±1.0
μA
VI = VCCA, GND
Leakage Current @
3.6
5.5
±0.1
±1.0
OE, T/R


Número de pieza similar - 74LVXC3245WMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVXC3245WM FAIRCHILD-74LVXC3245WM Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245WM FAIRCHILD-74LVXC3245WM Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245WM ONSEMI-74LVXC3245WM Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245WM FAIRCHILD-74LVXC3245WM_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

Descripción similar - 74LVXC3245WMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC4245 FAIRCHILD-74LVXC4245 Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVXC4245 NSC-54LVXC4245 Datasheet
115Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com