Nombre de pieza
         Descripción
MM74C192

 Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter ( 6 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics table provides conditions
for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range (TA)
−40°C to +85°C
Storage Temperature Range (TS)
−65°C to +150°C
Maximum VCC Voltage
18V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Lead Temperature (TA)
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5V, IO = −10 µA4.5
V
VCC = 10V, IO = −10 µA9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5V, IO = 10 µA0.5
V
VCC = 10V, IO = 10 µA1.0
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
ICC
Supply Current
VCC = 15V
0.05
300
µA
CMOS TO LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V, IO = −100 µA2.4
V
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, IO = 360 µA0.4
V
OUTPUT DRIVE (See Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5V, VIN(0) = 0V
−1.75
mA
TA = 25°C, VOUT = 0V
ISOURCE
Output Source Current
VCC = 10V, VIN(0) = 0V
−8mA
TA = 25°C, VOUT = 0V
ISINK
Output Sink Current
VCC = 5V, VIN(1) = 5V
1.75
mA
TA = 25°C, VOUT = VCC
ISINK
Output Sink Current
VCC = 10V, VIN(1) = 10V
8
mA
TA = 25°C, VOUT = VCC
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HD74HC668Synchronous UP/Down Decade 4-bit binary Counter 1 2 3 4 5 MoreHitachi Semiconductor
CD40192BCSynchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter 1 2 3 4 5 MoreFairchild Semiconductor
HEF40160B4-bit synchronous decade counter with asynchronous reset 1 2 3 4 5 MoreNXP Semiconductors
SN54ALS161BSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
CD54AC193Presettable Synchronous 4-Bit Binary Up/Down Counter with Reset 1 Intersil Corporation
74AC11160SYNCHRONOUS 4-BIT DECADE COUNTER 1 2 3 4 5 MoreTexas Instruments
SN74F168SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER 1 2 3 4 5 MoreTexas Instruments
MM54C904-Bit Decade Binary Counter 1 2 3 4 5 MoreNational Semiconductor
HEF40161B4-bit synchronous binary counter with asynchronous reset 1 2 3 4 5 MoreNXP Semiconductors
74F5694-bit bidirectional binary synchronous counter 3-State 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl