Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

00-6232-130-103-800 Datasheet(PDF) 4 Page - AVX Corporation

No. de pieza 00-6232-130-103-800
Descripción Electrónicos  1.0mm Pitch LIF RA SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

00-6232-130-103-800 Datasheet(HTML) 4 Page - AVX Corporation

  00-6232-130-103-800 Datasheet HTML 1Page - AVX Corporation 00-6232-130-103-800 Datasheet HTML 2Page - AVX Corporation 00-6232-130-103-800 Datasheet HTML 3Page - AVX Corporation 00-6232-130-103-800 Datasheet HTML 4Page - AVX Corporation 00-6232-130-103-800 Datasheet HTML 5Page - AVX Corporation 00-6232-130-103-800 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
04 6232 1XX 015 800+
極数
NUMBER OF
POSITIONS
注文コード ORDERING CODE
04:エンボス梱包
Tape & Reel
トレー梱包品:00 6232 1XX 006 800+
Tray Package:00 6232 1XX 006 800+
SERIES
6232 エンボス梱包品
Tape and Reel Package
梱包数量
900個 /リール
PACKING QUANTITY:900 /Reel
スズ銅めっき Sn-Cu Plated
RoHS 対応品
RoHS Compliant Product
+
+
+
+
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.
800+
6232
103
104
105
106
107
108
109
110
04
型   番
極数
AB
C
015
3
4
5
6
7
8
9
10
3.7
4.7
5.7
6.7
7.7
8.7
9.7
10.7
6.3
7.3
8.3
9.3
10.3
11.3
12.3
13.3
8.7
9.7
10.7
11.7
12.7
13.7
14.7
15.7
800+
6232
04
015
800+
6232
111
112
113
114
115
116
117
118
04
型   番
極数
AB
C
015
11
12
13
14
15
16
17
18
11.7
12.7
13.7
14.7
15.7
16.7
17.7
18.7
14.3
15.3
16.3
17.3
18.3
19.3
20.3
21.3
16.7
17.7
18.7
19.7
20.7
21.7
22.7
23.7
800+
6232
04
015


Número de pieza similar - 00-6232-130-103-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
00-6200-512-130-000 AVX-00-6200-512-130-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-330-000 AVX-00-6200-512-330-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-430-000 AVX-00-6200-512-430-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6207-3419-20-000 AVX-00-6207-3419-20-000 Datasheet
231Kb / 2P
   1.25mm Pitch
More results

Descripción similar - 00-6232-130-103-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
046232109015800 AVX-046232109015800 Datasheet
509Kb / 6P
   SMT 1.0mm PITCH LIF RA SMT
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
logo
Harwin Plc
M40-6200946 HARWIN-M40-6200946 Datasheet
79Kb / 1P
   1.0mm PITCH SMT SOCKET CONNECTOR
M40-6200946R HARWIN-M40-6200946R Datasheet
186Kb / 1P
   1.0mm PITCH SMT SOCKET CONNECTOR
logo
Molex Electronics Ltd.
52207-1590 MOLEX-52207-1590 Datasheet
361Kb / 5P
   1.0mm Pitch FPC Conn ZIF SMT
logo
Wurth Elektronik GmbH &...
686112188822 WURTH-686112188822 Datasheet
542Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686122188822 WURTH-686122188822 Datasheet
539Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686128188822 WURTH-686128188822 Datasheet
539Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686130188822 WURTH-686130188822 Datasheet
539Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686108188622 WURTH-686108188622 Datasheet
542Kb / 7P
   WR-FPC SMT LIF Horizontal Top Contact
001.003
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com