Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TAZH686K006CBSB0000 Datasheet(PDF) 2 Page - AVX Corporation |
|
TAZH686K006CBSB0000 Datasheet(HTML) 2 Page - AVX Corporation |
2 / 15 page 8 ■ JUNE 2013 TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level Technical Data: Unless otherwise specified, all technical data relate to an ambient temperature of 25°C Capacitance Range: 0.1 μF 50 100 μF Capacitance Tolerance: ±5%; ±10%; ±20% Rated Voltage: (VR) 85°C: 4 6 10 15 20 25 35 50 Category Voltage: (VC) 125°C: 2.7 4 6.7 10 13.3 16.7 23.3 33.3 Surge Voltage: (VS) 85°C: 5.3 8 13.3 20 26.7 33.3 46.7 66.7 125°C: 3.5 5.3 8.7 13.3 17.8 22.2 31.1 44.5 Temperature Range: -55°C to +125°C CWR09 P/N CROSS REFERENCE: SPACE LEVEL OPTIONS TO SRC9000*: TECHNICAL SPECIFICATIONS * Capacitance Tolerance M = ±20% K = ±10% J = ±5% Packaging B = Bulk R = 7" T&R S = 13" T&R W = Waffle See page 6 for additional packaging options. ++ Surge Test Option 00 = None 23 = 10 Cycles, +25ºC 24 = 10 Cycles, -55ºC & +85ºC 45 = 10 cycles, -55ºC & +85ºC before Weibull TAZ Type H Case Size C Standard or Low ESR Range C = Std ESR L = Low ESR # Inspection Level S = Std. Conformance L = Group A HOW TO ORDER COTS-PLUS & MIL QPL (CWR09): 006 Voltage Code 004 = 4Vdc 006 = 6Vdc 010 = 10Vdc 015 = 15Vdc 020 = 20Vdc 025 = 25Vdc 035 = 35Vdc 050 = 50Vdc 686 Capacitance Code pF code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ Reliability Grade Weibull: B = 0.1%/1000 hrs. 90% conf. C = 0.01%/1000 hrs. 90% conf. D = 0.001%/1000 hrs. 90% conf. Z = Non-ER ^ Termination Finish H = Solder Plated 0 = Fused Solder Plated 8 = Hot Solder Dipped 9 = Gold Plated 7 = Matte Sn (COTS-Plus only) M = MIL (JAN) CWR09 9 = SRC9000 * Capacitance Tolerance M = ±20% K = ±10% J = ±5% Packaging B = Bulk R = 7" T&R S = 13" T&R W = Waffle See page 6 for additional packaging options. ++ Surge Test Option 45 = 10 cycles, -55ºC & +85ºC before Weibull TAZ Type H Case Size C Standard or Low ESR Range C = Std ESR L = Low ESR L Inspection Level L = Group A 006 Voltage Code 004 = 4Vdc 006 = 6Vdc 010 = 10Vdc 015 = 15Vdc 020 = 20Vdc 025 = 25Vdc 035 = 35Vdc 050 = 50Vdc 686 Capacitance Code pF code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ Reliability Grade Weibull: B = 0.1%/1000 hrs. 90% conf. C = 0.01%/1000 hrs. 90% conf. D = 0.001%/1000 hrs. 90% conf. 9 Qualification Level 9 = SRC9000 ^ Termination Finish H = Solder Plated 0 = Fused Solder Plated 8 = Hot Solder Dipped 9 = Gold Plated * Capacitance Tolerance M = ±20% K = ±10% J = ±5% Packaging Bulk = Standard \TR = 7" T&R \TR13 = 13" T&R \W = Waffle See page 6 for additional packaging options. + Surge Test Option A = 10 cycles, +25°C B = 10 cycles, -55°C & +85°C C = 10 cycles, -55°C & +85°C before Weibull If blank, None required CWR09 Type D Voltage Code C = 4Vdc D = 6Vdc F = 10Vdc H = 15Vdc J = 20Vdc K = 25Vdc M = 35Vdc N = 50Vdc ^ Termination Finish H = Solder Plated K = Solder Fused C = Hot Solder Dipped B = Gold Plated 686 Capacitance Code pF code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ Reliability Grade Weibull: B = 0.1%/1000 hrs. 90% conf. C = 0.01%/1000 hrs. 90% conf. D = 0.001%/1000 hrs. 90% conf. T = T Level A = Non-ER *Contact factory for AVX SRC9000 Space Level SCD details. 0 Qualification Level 0 = N/A T = T Level Not RoHS Compliant Not RoHS Compliant Not RoHS Compliant LEAD-FREE COMPATI- BLE COMPONENT For RoHS compliant products, please select correct termination style. |
Número de pieza similar - TAZH686K006CBSB0000 |
|
Descripción similar - TAZH686K006CBSB0000 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |