Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB042E0394 Datasheet(PDF) 4 Page - AVX Corporation

No. de pieza CB042E0394
Descripción Electrónicos  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

CB042E0394 Datasheet(HTML) 4 Page - AVX Corporation

  CB042E0394 Datasheet HTML 1Page - AVX Corporation CB042E0394 Datasheet HTML 2Page - AVX Corporation CB042E0394 Datasheet HTML 3Page - AVX Corporation CB042E0394 Datasheet HTML 4Page - AVX Corporation CB042E0394 Datasheet HTML 5Page - AVX Corporation CB042E0394 Datasheet HTML 6Page - AVX Corporation CB042E0394 Datasheet HTML 7Page - AVX Corporation CB042E0394 Datasheet HTML 8Page - AVX Corporation CB042E0394 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
13
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
VOLTAGE Vdc: 400V Vac: 200V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.010μF
CB042I0103+ --
5.80
5.00
3.00
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.017)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.012
CB042I0123+ --
5.80
5.00
2.40
0.80
12.0
8.00
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.095)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.015
CB042I0153+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.161)
(12.99)
(0.488)
(0.724)
0.018
CB052I0183+ --
7.2
6.1
2.8
0.8
16.0
12
3.8
330
16.4
22.4
1000
2250
BC
(0.283)
(0.240)
(0.110)
(0.032)
(0.629)
(0.472)
(0.150)
(12.99)
(0.645)
(0.881)
0.022
CB052I0223+ --
7.2
6.1
3.5
0.8
16.0
12
3.8
330
16.4
22.4
1000
2250
BC
(0.283)
(0.240)
(0.138)
(0.032)
(0.629)
(0.472)
(0.150)
(12.99)
(0.645)
(0.881)
0.027
CB052I0273+ --
7.2
6.1
2.8
0.8
16.0
12
3.8
330
16.4
22.4
1000
2250
BC
(0.283)
(0.240)
(0.110)
(0.032)
(0.629)
(0.472)
(0.150)
(12.99)
(0.645)
(0.881)
0.033
CB052I0333+ --
7.2
6.1
3.3
0.8
16.0
12
3.8
330
16.4
22.4
1000
2250
BC
(0.283)
(0.240)
(0.130)
(0.032)
(0.629)
(0.472)
(0.150)
(12.99)
(0.645)
(0.881)
0.047
CB052I0473+ --
7.20
6.10
4.50
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.283)
(0.240)
(0.177)
(0.032)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.056
CB162I0563+ --
10.5
7.60
3.10
0.80
24.0
12.0
3.93
330
24.4
30.4
500
1400
BC
(0.413)
(0.299)
(0.122)
(0.032)
(0.944)
(0.472)
(0.155)
(12.99)
(0.961)
(1.196)
0.068
CB162I0683+ --
10.5
7.60
3.60
0.80
24.0
12.0
3.93
330
24.4
30.4
500
1400
BC
(0.413)
(0.299)
(0.141)
(0.032)
(0.944)
(0.472)
(0.155)
(12.99)
(0.961)
(1.196)
0.082
CB162I0823+ --
10.5
7.60
4.20
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.165)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.100μF
CB162I0104+ --
10.5
7.60
4.70
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.185)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.120
CB172I0124+ --
12.8
10.2
3.90
0.80
24.0
16.0
4.00
330
24.4
30.4
300
1100
BC
(0.503)
(0.402)
(0.154)
(0.032)
(0.944)
(0.629)
(0.157)
(12.99)
(0.961)
(1.196)
0.150
CB172I0154+ --
12.8
10.2
4.60
0.80
24.0
16.0
4.70
330
24.4
30.4
300
900
BC
(0.503)
(0.402)
(0.181)
(0.032)
(0.944)
(0.629)
(0.185)
(12.99)
(0.961)
(1.196)
0.180
CB172I0184+ --
12.8
10.2
5.60
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.220)
(0.032)
(0.944)
(0.629)
(0.274)
(12.99)
(0.961)
(1.196)
0.220
CB172I0224+ --
12.8
10.2
6.80
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.265)
(0.032)
(0.944)
(0.629)
(0.274)
(12.99)
(0.961)
(1.196)
0.270
CB172I0274+ --
12.8
10.2
6.80
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.265)
(0.032)
(0.944)
(0.629)
(0.274)
(12.99)
(0.961)
(1.196)
0.330
CB182I0334+ --
15.3
13.7
5.60
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.220)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
0.470μF
CB182I0474+ --
15.3
13.7
6.20
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.244)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
VOLTAGE Vdc: 630V Vac: 250V
0.010μF
CB042K0103+ --
5.80
5.00
2.80
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.110)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.012
CB042K0123+ --
5.80
5.00
3.30
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
2800
BC
(0.228)
(0.195)
(0.130)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.015
CB042K0153+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.161)
(12.99)
(0.488)
(0.724)
0.018
CB052K0183+ --
5.80
6.10
2.80
0.80
24.0
12.0
3.80
330
24.4
30.4
1000
2250
BC
(0.228)
(0.240)
(0.110)
(0.032)
(0.944)
(0.472)
(0.149)
(12.99)
(0.961)
(1.196)
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BC = tape & reel
millimeters (inches)
W
L
H
T


Número de pieza similar - CB042E0394

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CB047D0334 AVX-CB047D0334 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0474 AVX-CB047D0474 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0564 AVX-CB047D0564 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0684 AVX-CB047D0684 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047E0124 AVX-CB047E0124 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
More results

Descripción similar - CB042E0394

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com