Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD7000 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza MMBD7000
Descripción Electrónicos  High Conductance Ultra Fast Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD7000 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBD7000 Datasheet HTML 1Page - Fairchild Semiconductor MMBD7000 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Conductance Ultra Fast Diode
Sourced from Process 1P. See MMBD1201-1205 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
MMBD7000
*Device mounted on glass epoxy PCB 1.6" X 1.6" X 0.06"; mounting pad for the collector lead min. 0.93 in2
5C
3
12
Symbol
Parameter
Value
Units
WIV
Working Inverse Voltage
70
V
IO
Average Rectified Current
200
mA
IF
DC Forward Current
600
mA
if
Recurrent Peak Forward Current
700
mA
if(surge)
Peak Forward Surge Current
Pulse width = 1.0 second
Pulse width = 1.0 microsecond
1.0
2.0
A
A
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
150
°C
Symbol
Characteristic
Max
Units
MMBD7000*
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
3
2
1
CONNECTION DIAGRAM
SOT-23
3
1
2
Discrete POWER & Signal
Technologies
©1997 Fairchild Semiconductor Corporation


Número de pieza similar - MMBD7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
100Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
July 2012
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD7000 TAITRON-MMBD7000 Datasheet
171Kb / 3P
   Dual Small Signal Switching Diode
logo
Jiangsu Changjiang Elec...
MMBD7000 JIANGSU-MMBD7000 Datasheet
3Mb / 4P
   SWITCHING DIODE
logo
SHIKUES Electronics
MMBD7000 SKTECHNOLGY-MMBD7000 Datasheet
506Kb / 2P
   Fast Switching Speed
More results

Descripción similar - MMBD7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
   High Conductance Ultra Fast Diode
logo
Fairchild Semiconductor
BAW56 FAIRCHILD-BAW56 Datasheet
34Kb / 2P
   High Conductance Ultra Fast Diode
BAY74 FAIRCHILD-BAY74 Datasheet
32Kb / 1P
   High Conductance Ultra Fast Diode
BAV70 FAIRCHILD-BAV70 Datasheet
24Kb / 3P
   High Conductance Ultra Fast Diode
1N4454 FAIRCHILD-1N4454 Datasheet
19Kb / 2P
   High Conductance Ultra Fast Diode
MMBD1201 FAIRCHILD-MMBD1201 Datasheet
47Kb / 4P
   High Conductance Ultra Fast Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com