Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8-147720-8 Datasheet(PDF) 11 Page - Tyco Electronics

No. de pieza 8-147720-8
Descripción Electrónicos  Mod IV Receptacle Assemblies
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147720-8 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 8-147720-8 Datasheet HTML 7Page - Tyco Electronics 8-147720-8 Datasheet HTML 8Page - Tyco Electronics 8-147720-8 Datasheet HTML 9Page - Tyco Electronics 8-147720-8 Datasheet HTML 10Page - Tyco Electronics 8-147720-8 Datasheet HTML 11Page - Tyco Electronics 8-147720-8 Datasheet HTML 12Page - Tyco Electronics 8-147720-8 Datasheet HTML 13Page - Tyco Electronics 8-147720-8 Datasheet HTML 14Page - Tyco Electronics 8-147720-8 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
191
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Surface Mount Receptacle Assemblies, Double-Row,
.100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Surface Mount,Double Row,
Dual Entry
End to End Stackable
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze, plated
as follows:
Plating A — Duplex .000030 [0.00076]
gold on contact area, .000150-.000300
[0.00381-0.00762] matte tin on solder
area all over .000050 [0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] tin-lead over
.000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to Mating Post Selection Guide —
page 90
Performance Specifications —
page 186
Technical Documents — page 276
Product Specification
108-25022
Application Specification
114-25018
Additional receptacle assembly
sizes are available; minimum
order quantities may apply.
Consult Tyco Electronics.
.050
[1.27]
Max.
.265
[6.73]
Typ.
A
.027±.002
[0.69±0.05]
Typ.
.020
[0.51]
Typ.
.060
[1.52]
Typ.
.100
[2.54]
Typ.
.100
[2.54]
Typ.
.238
[6.05]
Typ.
.100
[2.54]
Typ.
.266
[6.75]
.198±.002
[5.03±0.05]
.090
[2.29]
.148
[3.76]
.107
[2.72]
B
.040
[1.02]
Typ.
.100
[2.54]
Typ.
.004
[0.10]
Typ.
Recommended PC Board Pad Layout
(.008 [0.20] thick stencil)
(for Bottom Entry and Pass Through applications)
Part No. 86286-1
(Plugs into receptacle contact)
Material — Natural color nylon
Keying Plug
Part No. 86286-1
(Plugs into receptacle contact)
(Localized Gold
Plate Area)
Point of
Contact


Número de pieza similar - 8-147720-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147720-8 MACOM-8-147720-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Descripción similar - 8-147720-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com