Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1-1462038-0 Datasheet(PDF) 6 Page - Tyco Electronics

No. de pieza 1-1462038-0
Descripción Electrónicos  IM Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1462038-0 Datasheet(HTML) 6 Page - Tyco Electronics

  1-1462038-0 Datasheet HTML 1Page - Tyco Electronics 1-1462038-0 Datasheet HTML 2Page - Tyco Electronics 1-1462038-0 Datasheet HTML 3Page - Tyco Electronics 1-1462038-0 Datasheet HTML 4Page - Tyco Electronics 1-1462038-0 Datasheet HTML 5Page - Tyco Electronics 1-1462038-0 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
07-2013, Rev. 0713
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
6
AXICOM
Signal Relays
IM Relay (Continued)
Product codeArrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM01CGR
2 form C
High
3VDC
Monostable
Standard
SMT gull wing
1462038-4
IM01CTS
2 CO
dielectric
THT standard
9-1462038-6
IM02CGR
contacts
4.5VDC
SMT gull wing
1462038-1
IM03CGR
5VDC
SMT gull wing
1462038-2
IM03CJR
SMT J-leg
4-1462039-8
IM03CTS
THT standard
4-1462039-7
IM05CGR
9VDC
SMT gull wing
1462038-3
IM06CGR
12VDC
SMT gull wing
9-1462037-9
IM06CJR
SMT J-leg
3-1462039-4
IM06CTS
THT standard
4-1462037-9
IM07CGR
24VDC
SMT gull wing
1462039-2
IM07CTS
THT standard
1462039-1
IM17CGR
High sens.
SMT gull wing
1462039-7
IM41CGR
3VDC
Bistable
Standard
4-1462039-2
IM42CGR
4.5VDC
4-1462039-1
IM43CGR
5VDC
9-1462038-7
IM02DGR
High
4.5VDC
Monostable
Standard
9-1462038-8
IM03DGR
current
5VDC
9-1462038-9
IM03DJR
SMT J-leg
3-1462039-3
IM05DGR
9VDC
SMT gull wing
1-1462039-7
IM06DGR
12VDC
1-1462039-8
IM06DJR
SMT J-leg
7-1462039-0
IM06DTS
THT standard
3-1462039-8
IM07DGR
24VDC
SMT gull wing
3-1462039-7
IM07DJR
SMT J-leg
7-1462039-4
IM07DTS
THT standard
7-1462039-2
IM22DTS
4.5VDC
U.h.sens.
7-1462039-6
IM41DGR
3VDC
Bistable
Standard
SMT gull wing
6-1462039-8
IM42DGR
4.5VDC
1-1462039-9
IM42DNS
THT narrow
1-1462039-6
IM46DNS
12VDC
1-1462039-2
IM47DJR
24VDC
SMT J-leg
7-1462039-5
IM48DGR
2.4VDC
SMT gull wing
1462039-9
IM49DGR
2VDC
2-1462039-2
IM02PGR
High
4.5VDC
Monostable
Standard
5-1462039-4
IM02PNS
contact
THT narrow
5-1462039-8
IM03PGR
stability
5VDC
SMT gull wing
5-1462039-5
IM03PJR
SMT J-leg
6-1462039-6
IM03PNS
THT narrow
5-1462039-9
IM06PGR
12VDC
SMT gull wing
5-1462039-6
IM06PNS
THT narrow
6-1462039-0
IM42PGR
4.5VDC
Bistable
Standard
SMT gull wing
5-1462039-7
IM42PNS
THT narrow
7-1462039-8
IM43PGR
SMT gull wing
7-1462039-3
IM46PNS
12VDC
THT narrow
6-1462039-1


Número de pieza similar - 1-1462038-0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1-1462038-0 MACOM-1-1462038-0 Datasheet
236Kb / 6P
   IM-Relay
More results

Descripción similar - 1-1462038-0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
IM48GR MACOM-IM48GR Datasheet
236Kb / 6P
   IM-Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com