Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ190CA Datasheet(PDF) 8 Page - Formosa MS

No. de pieza SMAJ190CA
Descripción Electrónicos  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ190CA Datasheet(HTML) 8 Page - Formosa MS

Back Button SMAJ190CA Datasheet HTML 2Page - Formosa MS SMAJ190CA Datasheet HTML 3Page - Formosa MS SMAJ190CA Datasheet HTML 4Page - Formosa MS SMAJ190CA Datasheet HTML 5Page - Formosa MS SMAJ190CA Datasheet HTML 6Page - Formosa MS SMAJ190CA Datasheet HTML 7Page - Formosa MS SMAJ190CA Datasheet HTML 8Page - Formosa MS SMAJ190CA Datasheet HTML 9Page - Formosa MS SMAJ190CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
012234536489
63 69
815
67
887
827
898: 57
88
)
'
;05
&.5
!
5
0<
5
0) !
2
5
0' 02
5
0
=5
<
5

5
2/
<
5
0
=>?<
@5
&.5
!
5
0<
'
)
.5
05
0 5
05
0! 02A
5
<
<
5

B
+
C
@
@
D
DE(A)
EDB
+
D
DFA)
DB
C
D
))DA'
%DB
+CG+H#
=I+
J K7
82
">0/?
#L<

;05
&.5
!
5
0<
@5
&.5
!
5
0<
IM5
0!2AF-B
IM5
0!2AF-B
C
2?02
Q8:84 J0
RSTVWXYZ[
\Y]^_`
]
Xa\RbccW\ZZ_W
defgdij
k
il
*I=
*I=
HE
TE
Page 8
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Número de pieza similar - SMAJ190CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
SMAJ190CA MERITEK-SMAJ190CA Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMAJ190CA LUGUANG-SMAJ190CA Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ190CA UNSEMI-SMAJ190CA Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Ruilongyuan Electronics...
SMAJ190CA RUILON-SMAJ190CA Datasheet
923Kb / 8P
   Transient Voltage Suppressors
logo
SeCoS Halbleitertechnol...
SMAJ190CA SECOS-SMAJ190CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results

Descripción similar - SMAJ190CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com