Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4-1462037-0 Datasheet(PDF) 2 Page - Tyco Electronics |
|
4-1462037-0 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 6 page 07-2013, Rev. 0713 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 AXICOM Signal Relays IM Relay (Continued) Insulation Data standard C D,P standard, high high current, sensitive, dielectric high contact ultra high version stability sensitive version version Initial dielectric strength between open contacts 1000Vrms 1500Vrms 750Vrms between contact and coil 1800Vrms 1800Vrms 1500Vrms between adjacent contacts 1000Vrms 1800Vrms 750Vrms Initial surge withstand voltage between open contacts 1500V 2500V 1000V between contact and coil 2500V 2500V 2000V between adjacent contacts 1500V 2500V 1000V Initial insulation resistance between insulated elements >109Ω >109Ω >109Ω Capacitance between open contacts max. 1pF between contact and coil max. 2pF between adjacent contacts max. 2pF RF Data Isolation at 100MHz/900MHz 37.0dB/18.8dB Insertion loss at 100MHz/900MHz 0.03dB/0.33dB Voltage standing wave ratio (VSWR) at 100MHz/900MHz 1.06/1.49 Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -40°C to +85°C Thermal resistance <150K/W Category of environmental protection IEC 61810 RT V - hermetically sealed Degree of protection, IEC 60529 IP 67, immersion cleanable Vibration resistance (functional) 20g, 10 to 500Hz Shock resistance (functional), half sinus 11ms 50g Shock resistance (destructive), half sinus 0.5ms 500g Mounting position any Weight max. 0.75g Resistance to soldering heat THT Peak value IEC 60068-2-20 265°C/10s Resistance to soldering heat SMT IEC 60068-2-58 265°C/10s Moisture sensitive level, JEDEC J-Std-020D MSL3 related only to SMT relays packed in orginal dry-packs Ultrasonic cleaning not recommended Packaging/unit THT version tube/50pcs., box/1000 pcs. SMT version reel/1000 pcs., box/1000 or 5000 pcs. Coil Data (continued) Coil versions, sensitive version, monostable, 1 coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 11 3 2.40 0.30 91 100 12 4.5 3.60 0.45 194 100 13 5 4.00 0.50 234 100 16 12 9.60 1.20 1315 110 17 24 19.20 2.40 4120 140 Coil versions, ultra high sensitive version, monostable, 1 coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 21 3 2.55 0.30 180 50 22 4.5 3.83 0.45 405 50 23 5 4.25 0.50 500 50 26 12 10.20 1.20 2880 50 All figures are given for coil without pre-energization, at ambient temperature +23°C Coil versions, standard, bistable 1 coil Coil Rated Set Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 40 1.5 1.13 -1.13 23 100 48 2.4 1.80 -1.80 58 100 41 3 2.25 -2.25 90 100 42 4.5 3.38 -3.38 203 100 43 5 3.75 -3.75 250 100 44 6 4.50 -4.50 360 100 45 9 6.75 -6.75 810 100 46 12 9.00 -9.00 1440 100 47 24 18.00 -18.00 2880 200 All figures are given for coil without pre-energization, at ambient temperature +23°C 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 24 of 28 AXICOMÊSignalÊRelays IM Relay Coil Operating Range Unom = Nominal coil voltage Umax. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Uop. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) For latching relays Uset min. resp. Ureset min. Urel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50-40 -30-20 -100 10 20 30 40 50 60 70 80 90 10 01 10 12 0 Umax. at 0A Umax. at 2x2A Umax. at 2x1A Unom. nominal coil voltage Ambient Temperature [°C] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50 -40 -30 -20 -10 0102030405060708090 100 110 120 Ambient Temperature [°C] Umax. at 0A Umax. at 2x2A Umax. at 2x1A Unom. nominal coil voltage Urel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50-40 -30-20 -100 10 20 30 40 50 60 70 80 90 100 110 120 130 140 Ambient Temperature [°C] Umax. - 5%coil duty at 2x2A (100mW) Umax.-5%coil duty at 0A(100mW) Umax.-5%coil duty at 0A (200mW) Umax. -5% coil duty at 2x1A (100mW) Unom. nominal coil voltage Umax. at 0A 140mW coil 200mW coil Urel. min. 50mW coil 100mW coil Uop min. Umax. at 0A Umax. - 100% coil duty at 0A (100mW) Umax. - 100% coil duty at 0A (200mW) Uset min. 100 mW Latching 200 mW Latching Coil operating range, sensitive and ultra high sensitive coil 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 24 of 28 AXICOMÊSignalÊRelays IM Relay Coil Operating Range Unom = Nominal coil voltage Umax. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Uop. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) For latching relays Uset min. resp. Ureset min. Urel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50-40 -30-20 -100 10 20 30 40 50 60 70 80 90 10 01 10 12 0 Umax. at 0A Umax. at 2x2A Umax. at 2x1A Unom. nominal coil voltage Ambient Temperature [°C] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50 -40 -30 -20 -10 0102030405060708090 100 110 120 Ambient Temperature [°C] Umax. at 0A Umax. at 2x2A Umax. at 2x1A Unom. nominal coil voltage Urel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -50-40 -30-20 -100 10 20 30 40 50 60 70 80 90 100 110 120 130 140 Ambient Temperature [°C] Umax. - 5%coil duty at 2x2A (100mW) Umax.-5%coil duty at 0A(100mW) Umax.-5%coil duty at 0A (200mW) Umax. -5% coil duty at 2x1A (100mW) Unom. nominal coil voltage Umax. at 0A 140mW coil 200mW coil Urel. min. 50mW coil 100mW coil Uop min. Umax. at 0A Umax. - 100% coil duty at 0A (100mW) Umax. - 100% coil duty at 0A (200mW) Uset min. 100 mW Latching 200 mW Latching Coil operating range, bistable 1 coil Monostable version rest condition 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 5 of 28 AXICOMÊSignalÊRelays IM Relay 2 Pole Changeover / 2 Form C / DPDT Dimensions Dimensions in mm THT Version Mounting Hole Layout View onto the component side of the PCB (top view) Non-Latching Type not energized condition Latching Type, 1 Coil reset condition IMÊTHT Standard IMÊTHT Narrow IMÊSMT GullÊWings IMÊSMT J-Legs mm inch mm inch mm inch mm inch L W H 10.00ʱÊ0.08 6.00ʱÊ0.08 5.65ÊÐÊ0.20 0.393ʱÊ0.003 0.236ʱÊ0.003 0.222ÊÐÊ0.008 10.00ʱÊ0.08 5.70ʱÊ0.30 5.80ʱÊ0.08 0.393ʱÊ0.003 0.224ʱÊ0.012 0.230ʱÊ0.003 10.00ʱÊ0.08 ÊÊ6.00ʱÊ0.08 ÊÊ5.65ÊÐÊ0.20 0.393ʱÊ0.003 0.236ʱÊ0.003 0.222ÊÐÊ0.008 10.00ʱÊ0.08 ÊÊ6.00ʱÊ0.08 ÊÊ5.65ÊÐÊ0.02 0.393ʱÊ0.003 0.236ʱÊ0.003 0.222ÊÐÊ0.008 SMT Version Standard Version Narrow Version Solder Pad Layout View onto the component side of the PCB (top view) Gull Wings J-Legs Standard Version Narrow Version Gull Wings ¯Êmin.Ê0.75 ¯Êmin.Ê0.75 Terminal Assignment Relay – top view ContactsÊ inÊresetÊ position.Ê ContactÊ positionÊ mightÊ changeÊ duringÊ trans- portationÊ andÊ mustÊ beÊresetÊ beforeÊ use. Coplanarity ≤ 0.1mm Coplanarity ≤ 0.1mm T T1 T2 D1 D2 Tw S 3.2 N/A 5.08ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.40 0.75 0.125 N/A 0.200ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 0.029 3.2 N/A 3.20ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.4 0.30ʱÊ0.05 0.125 N/A 0.126ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 0.011ʱÊ0.002 N/A 7.50ʱÊ0.30 5.08ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.4 N/A N/A 0.295ʱÊ0.011 0.200ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 N/A N/A 2.80ʱÊ0.20 5.08ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.4 N/A N/A 0.110ʱÊ0.007 0.200ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 N/A 10.0±0.08 6.0±0.08 5.08±0.1 0.4 10.0±0.08 5.7±0.3 3.2±0.1 0.4 10.0±0.08 6.0±0.08 5.08±0.1 0.4 10.0±0.08 6.0±0.08 5.08±0.1 0.4 7.5±0.3 Coplanarity ≤0.1mm 2.8±0.2 Coplanarity ≤0.1mm Terminal assignment TOP view on relay Bistable version, 1 coil reset condition 108-98001 Rev. M All specifications subject to change. Consult Tyco Electronics for latest specifications. 5 of 28 AXICOMÊSignalÊRelays IM Relay 2 Pole Changeover / 2 Form C / DPDT Dimensions Dimensions in mm THT Version Mounting Hole Layout View onto the component side of the PCB (top view) Non-Latching Type not energized condition Latching Type, 1 Coil reset condition IMÊTHT Standard IMÊTHT Narrow IMÊSMT GullÊWings IMÊSMT J-Legs mm inch mm inch mm inch mm inch L W H 10.00ʱÊ0.08 6.00ʱÊ0.08 5.65ÊÐÊ0.20 0.393ʱÊ0.003 0.236ʱÊ0.003 0.222ÊÐÊ0.008 10.00ʱÊ0.08 5.70ʱÊ0.30 5.80ʱÊ0.08 0.393ʱÊ0.003 0.224ʱÊ0.012 0.230ʱÊ0.003 10.00ʱÊ0.08 ÊÊ6.00ʱÊ0.08 ÊÊ5.65ÊÐÊ0.20 0.393ʱÊ0.003 0.236ʱÊ0.003 0.222ÊÐÊ0.008 10.00ʱÊ0.08 ÊÊ6.00ʱÊ0.08 ÊÊ5.65ÊÐÊ0.02 0.393ʱÊ0.003 0.236ʱÊ0.003 0.222ÊÐÊ0.008 SMT Version Standard Version Narrow Version Solder Pad Layout View onto the component side of the PCB (top view) Gull Wings J-Legs Standard Version Narrow Version Gull Wings ¯Êmin.Ê0.75 ¯Êmin.Ê0.75 Terminal Assignment Relay – top view ContactsÊ inÊresetÊ position.Ê ContactÊ positionÊ mightÊ changeÊ duringÊ trans- portationÊ andÊ mustÊ beÊresetÊ beforeÊ use. Coplanarity ≤ 0.1mm Coplanarity ≤ 0.1mm T T1 T2 D1 D2 Tw S 3.2 N/A 5.08ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.40 0.75 0.125 N/A 0.200ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 0.029 3.2 N/A 3.20ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.4 0.30ʱÊ0.05 0.125 N/A 0.126ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 0.011ʱÊ0.002 N/A 7.50ʱÊ0.30 5.08ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.4 N/A N/A 0.295ʱÊ0.011 0.200ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 N/A N/A 2.80ʱÊ0.20 5.08ʱÊ0.10 3.20ʱÊ0.15 2.20ʱÊ0.15 0.4 N/A N/A 0.110ʱÊ0.007 0.200ʱÊ0.004 0.126ʱÊ0.006 0.087ʱÊ0.006 0.015 N/A 10.0±0.08 6.0±0.08 5.08±0.1 0.4 10.0±0.08 5.7±0.3 3.2±0.1 0.4 10.0±0.08 6.0±0.08 5.08±0.1 0.4 10.0±0.08 6.0±0.08 5.08±0.1 0.4 7.5±0.3 Coplanarity ≤0.1mm 2.8±0.2 Coplanarity ≤0.1mm Contacts are shown in reset condition. Contact position might change during transportation and must be reset before use. |
Número de pieza similar - 4-1462037-0 |
|
Descripción similar - 4-1462037-0 |