Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5-103979-1 Datasheet(PDF) 3 Page - Tyco Electronics |
|
5-103979-1 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 32 page 225 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE Interconnection System AMPMODU Interconnection System 5 Performance Specifications Electrical Characteristics Contact Current Rating — 3 amperes for single contact in free air (Amperage could vary due to ambient temperature, wire size and duty cycles.) Contact Termination Resistance — 15 milliohms (max.) Dielectric Withstanding Voltage — At Sea Level–600 VAC, rms At 70,000 Ft. [21 336 m]–225 VAC, rms Insulation Resistance — 5,000 megohms (min.) Environmental Characteristics Operating Temperature — -65°C to +105°C Vibration — 15 G’s (gold), 10 G’s (tin) Physical Shock — 50 G’s Industrial Mixed Flow Gasing — Class 1 (20 days) (gold) Product Specification 108-25034 Application Specification 114-25026 Product Facts ■ Receptacle assemblies mate with .025 [0.64] sq. posts; mating post length is .200 [5.08] min., .250 [6.35] max. ■ Proven AMPMODU receptacle contact design; dual cantilever beams, built-in anti-overstress, completely enclosed “box” design, standard or high-pressure ■ Insulation displacement technology ■ Two contact sizes for terminating 30-22 AWG [0.05- 0.3 mm2] wire range; .054 [1.37] max. insulation diam- eter with an insulation wall thickness of .015 [0.38] max. ■ Choice of gold duplex or tin plated contacts ■ Interchangeable crimp snap-in pin and receptacle contacts available ■ Housing sizes 2 through 25 positions, single-row .100 [2.54] centers ■ Plain housings are end-to-end and/or back-to-back stackable for open pin field applications ■ Optional header with “swaged tail” feature helps prevent movement prior to flow soldering ■ Integral latch provides positive retention between header and receptacle housing ■ Coupling shrouds permit ganging of smaller connectors with guide ribs to form larger single- or double-row latching connectors ■ Mass terminating tooling provides lowest applied cost for most production needs ■ SMT and SMT compatible, high-temp headers available ■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 ■ Certified by Canadian Standards Association, File No. LR7189 The AMPMODU MTE Interconnection System offers both wire-to-board and wire-to-wire connectors using .025 [0.64] sq. post technology. The AMPMODU MTE Interconnection System consists of single-row housings with contacts preloaded on .100 [2.54] centers. Housings are furnished with contacts partially inserted, leaving the termination areas exposed. Final contact insertion can be accomplished automatically with Tyco Electronics application equipment, and manually when terminated with the Tyco Electronics pistol grip hand tool. The heart of the system is the insulation displacement contact design, featured in both pin and receptacle contacts. The receptacle contact, available in either standard or high-pressure, features dual cantilever beams in an enclosed “box.” The post stop helps prevent a mating post from disturbing the wire termination and also limits the mating depth of a long post to protect a wrap-type termination at the base of the post. The forward contact stop helps prevent contact overinsertion prior to termination. All contacts are furnished on carrier strips which are interlocked for stability and positive location during termination. Single-row housings are available in sizes 2 through 25 positions. Included are three styles of receptacle housings—plain, polarized/ latching and ribbed and two styles of pin housings, shrouded with polarizing/ latching feature and ribbed. R R |
Número de pieza similar - 5-103979-1 |
|
Descripción similar - 5-103979-1 |