Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40055PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40055PWP
Descripción Electrónicos  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40055PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS40055PWP Datasheet HTML 1Page - Texas Instruments TPS40055PWP Datasheet HTML 2Page - Texas Instruments TPS40055PWP Datasheet HTML 3Page - Texas Instruments TPS40055PWP Datasheet HTML 4Page - Texas Instruments TPS40055PWP Datasheet HTML 5Page - Texas Instruments TPS40055PWP Datasheet HTML 6Page - Texas Instruments TPS40055PWP Datasheet HTML 7Page - Texas Instruments TPS40055PWP Datasheet HTML 8Page - Texas Instruments TPS40055PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS40054
TPS40055
TPS40057
SLUS593H – DECEMBER 2003 – REVISED JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, VIN = 24 Vdc, RT = 90.9 kΩ, IKFF = 150 µA, fSW = 500 kHz, all parameters at zero power dissipation
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
ISINK
Current limit sink current
8.5
10.0
11.5
µA
VILIM = 23.7 V, VSW = (VILIM – 0.5 V)
300
Propagation delay to output
VILIM = 23.7 V, VSW = (VILIM – 2 V)
200
ns
tON
Switch leading-edge blanking pulse time(3)
100
tOFF
Off time during a fault (soft-start cycle time)
7
cycles
TA = 25°C
–90
–70
–50
VOS
Offset voltage SW vs. ILIM
VILIM = 23.6 V, 0°C ≤ TA ≤ 85°C
–120
–38
mV
VILIM = 23.6 V, -40°C ≤ TA ≤ 85°C
–120
–20
OUTPUT DRIVER
tLRISE
Low-side driver rise time
48
96
CLOAD = 2200 pF
tLFALL
Low-side driver fall time
24
48
ns
tHRISE
High-side driver rise time
48
96
CLOAD = 2200 pF (HDRV – SW)
tHFALL
High-side driver fall time
36
72
VBOOST
VBOOST
VOH
High-level ouput voltage, HDRV
IHDRV = –0.1 A (HDRV – SW)
–1.5 V
–1.0 V
VOL
Low-level ouput voltage, HDRV
IHDRV = 0.1 A (HDRV – SW)
0.75
V
VBP10
VBP10
VOH
High-level ouput voltage, LDRV
ILDRV = –0.1 A
–1.4 V
– 1.0 V
VOL
Low-level ouput voltage, LDRV
ILDRV = 0.1 A
0.5
Minimum controllable pulse width
100
150
ns
SS/SD SHUTDOWN
VSD
Shutdown threshold voltage
Outputs off
90
125
160
mV
VEN
Device active threshold voltage
190
210
245
BOOST REGULATOR
VBOOST
Output voltage
VIN= 24.0 V
31.2
32.2
33.5
V
RECTIFIER ZERO CURRENT COMPARATOR (TPS40054 ONLY)
VSW
Switch voltage
LDRV output OFF
–10
–5
0
mV
SW NODE
ILEAK
Leakage current(3) (out of pin)
25
µA
THERMAL SHUTDOWN
Shutdown temperature(3)
165
TSD
°C
Hysteresis(3)
20
UVLO
VUVLO
KFF programmable threshold voltage
RKFF = 28.7 kΩ
6.95
7.50
7.95
VDD
UVLO, fixed
7.2
7.5
7.9
V
VDD
UVLO, hysteresis
0.46
(3)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS40054 TPS40055 TPS40057


Número de pieza similar - TPS40055PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40055PWP TI-TPS40055PWP Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWP TI1-TPS40055PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWP TI1-TPS40055PWP Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40055PWPG4 TI1-TPS40055PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40055PWPR TI1-TPS40055PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40055PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com