Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD734SCHIPS Datasheet(PDF) 5 Page - Analog Devices |
|
AD734SCHIPS Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page AD734 Rev. E | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage ±18 V Internal Power Dissipation for TJ max = 175°C 500 mW X, Y, and Z Input Voltages VN to VP Output Short-Circuit Duration Indefinite Storage Temperature Range Q-14 −65°C to +150°C N-14 −65°C to +150°C Operating Temperature Range AD734A, AD734B (Industrial) −40°C to +85°C AD734S (Military) −55°C to +125°C Lead Temperature Range (Soldering, 60 sec) +300°C Transistor Count 81 ESD Rating 500 V Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 3. Thermal Resistance Package Type θJA Unit 14-Lead PDIP (N-14) 150 °C/W 14-Lead CERDIP (Q-14) 110 °C/W ESD CAUTION W 12 DD 13 VP 14 X2 2 3 U0 U1 U2 X1 1 Z2 ER VN Y2 Y1 Z1 11 10 9 8 7 6 5 4 0.122 (3.0988) 0.093 (2.3622) Figure 2. Chip Dimensions and Bonding Diagram, Dimensions shown in inches and (mm), (Contact factory for latest dimensions) |
Número de pieza similar - AD734SCHIPS |
|
Descripción similar - AD734SCHIPS |