Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7533LNZ Datasheet(PDF) 9 Page - Analog Devices |
|
AD7533LNZ Datasheet(HTML) 9 Page - Analog Devices |
9 / 12 page AD7533 Rev. C | Page 9 of 12 APPLICATIONS 3 14 1 16 2 15 4 13 AD7533 OP97 OP97 MAGNITUDE BITS SIGN BIT DIGITAL INPUT MSB VDD VREF IOUT1 VOUT IOUT2 RFB GND BIPOLAR ANALOG INPUT ±10V 10kΩ 10kΩ 5kΩ 1/2 AD7512DIJN LSB Figure 13. 10-Bit and Sign Multiplying DAC 3 14 1 16 2 15 4 13 AD7533 OP97 OP97 DIGITAL FREQUENCY CONTROL WORD MSB +15V VDD NC VREF IOUT1 6.8V (2) SQUARE WAVE TRIANGULAR WAVE IOUT2 Ct GND CALIBRATE 10V 1kΩ 4.7kΩ LSB 10kΩ 1% 10kΩ 1% f = N ( ) Rt = 10kΩ 0 < N ≤ (1 210) 1 8RtCt Figure 14. Programmable Function Generator 3 16 2 1 14 15 4 13 AD7533 DIGITAL INPUT “D” BIT 1 BIT 10 MSB VREF IOUT2 VOUT VIN IOUT1 RFB GND +15V LSB VOUT = D= + where: –VIN D 0 < D ≤ BIT 1 21 BIT 2 22 +… BIT 10 210 1023 1024 Figure 15. Divider (Digitally Controlled Gain) 3 14 1 16 2 15 4 13 AD7533 DIGITAL INPUT “D” MSB +15V VREF –VREFD VOUT RFB GND R1 R2 LSB BIT 1 BIT 10 VOUT = VREF = – D= + where: R2 R1 + R2 0 < D ≤ BIT 1 21 BIT 2 22 +… BIT 10 210 1023 1024 R1D R1 + R2 IOUT1 IOUT2 Figure 16. Modified Scale Factor and Offset 3 14 1 16 2 15 4 13 AD7533 AD790 COMPARATOR DIGITAL INPUT (TEST LIMIT) MSB +15V TEST INPUT (0 TO – VREF) IOUT1 FAIL/PASS TEST IOUT2 GND VREF LSB Figure 17. Digitally Programmable Limit Detector . |
Número de pieza similar - AD7533LNZ |
|
Descripción similar - AD7533LNZ |