Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7746ARUZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7746ARUZ
Descripción Electrónicos  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7746ARUZ Datasheet(HTML) 4 Page - Analog Devices

  AD7746ARUZ Datasheet HTML 1Page - Analog Devices AD7746ARUZ Datasheet HTML 2Page - Analog Devices AD7746ARUZ Datasheet HTML 3Page - Analog Devices AD7746ARUZ Datasheet HTML 4Page - Analog Devices AD7746ARUZ Datasheet HTML 5Page - Analog Devices AD7746ARUZ Datasheet HTML 6Page - Analog Devices AD7746ARUZ Datasheet HTML 7Page - Analog Devices AD7746ARUZ Datasheet HTML 8Page - Analog Devices AD7746ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Full-Scale Drift vs. Temperature
5
ppm of FS/°C
Internal reference
0.5
ppm of FS/°C
External reference
Average VIN Input Current
300
nA/V
Analog VIN Input Current Drift
±50
pA/V/°C
Power Supply Rejection
80
dB
Internal reference, VIN = VREF/2
Power Supply Rejection
90
dB
External reference, VIN = VREF/2
Normal Mode Rejection
75
dB
50 Hz ± 1%, conversion time = 122.1 ms
50
dB
60 Hz ± 1%, conversion time = 122.1 ms
Common-Mode Rejection
95
dB
VIN = 1 V
INTERNAL VOLTAGE REFERENCE
Voltage
1.169
1.17
1.171
V
TA = 25°C
Drift vs. Temperature
5
ppm/°C
EXTERNAL VOLTAGE REFERENCE INPUT
Differential REFIN Voltage2
0.1
2.5
VDD
V
Absolute REFIN Voltage2
GND − 0.03
VDD + 0.03
V
Average REFIN Input Current
400
nA/V
Average REFIN Input Current Drift
±50
pA/V/°C
Common-Mode Rejection
80
dB
SERIAL INTERFACE LOGIC INPUTS
(SCL, SDA)
VIH Input High Voltage
2.1
V
VIL Input Low Voltage
0.8
V
Hysteresis
150
mV
Input Leakage Current (SCL)
±0.1
±1
µA
OPEN-DRAIN OUTPUT (SDA)
VOL Output Low Voltage
0.4
V
ISINK =
6.0 mA
IOH Output High Leakage Current
0.1
1
µA
VOUT = VDD
LOGIC OUTPUT (RDY)
VOL Output Low Voltage
0.4
V
ISINK = 1.6 mA, VDD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200 µA, VDD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 100 µA, VDD = 3 V
VOH Output High Voltage
VDD – 0.6
V
ISOURCE = 100 µA, VDD = 3 V
POWER REQUIREMENTS
VDD-to-GND Voltage
4.75
5.25
V
VDD = 5 V, nominal
2.7
3.6
V
VDD = 3.3 V, nominal
IDD Current
850
µA
Digital inputs equal to VDD or GND
750
µA
VDD = 5 V
700
µA
VDD = 3.3 V
IDD Current Power-Down Mode
0.5
2
µA
Digital inputs equal to VDD or GND
1 Capacitance units: 1 pF = 10-12 F; 1 fF = 10-15 F; 1 aF = 10-18 F.
2 Specification is not production tested, but is supported by characterization data at initial product release.
3 Factory calibrated. The absolute error includes factory gain calibration error, integral nonlinearity error, and offset error after system offset calibration, all at 25°C. At
different temperatures, compensation for gain drift over temperature is required.
4 The capacitive input offset can be eliminated using a system offset calibration. The accuracy of the system offset calibration is limited by the offset calibration register
LSB size (32 aF) or by converter + system p-p noise during the system capacitive offset calibration, whichever is greater. To minimize the effect of the converter +
system noise, longer conversion times should be used for system capacitive offset calibration. The system capacitance offset calibration range is ±1 pF, the larger
offset can be removed using CAPDACs.
5 The gain error is factory calibrated at 25°C. At different temperatures, compensation for gain drift over temperature is required.
6 The CAPDAC resolution is seven bits in the actual CAPDAC full range. Using the on-chip offset calibration or adjusting the capacitive offset calibration register can
further reduce the CIN offset or the unchanging CIN component.
7 The VTCHOP bit in the VT SETUP register must be set to 1 for the specified temperature sensor and voltage input performance.
8 Using an external temperature sensing diode 2N3906, with nonideality factor nf = 1.008, connected as in Figure 41, with total serial resistance <100 Ω.
9 Full-scale error applies to both positive and negative full scale.


Número de pieza similar - AD7746ARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7746ARUZ AD-AD7746ARUZ Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL AD-AD7746ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL7 AD-AD7746ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Descripción similar - AD7746ARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com