Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBTH81 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza MMBTH81
Descripción Electrónicos  PNP RF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH81 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MMBTH81 Datasheet HTML 3Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 4Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 5Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 6Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 7Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 8Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 9Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 10Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOT-23
(8mm)
3.15
+/-0.10
2.77
+/-0.10
8.0
+/-0.3
1.55
+/-0.05
1.125
+/-0.125
1.75
+/-0.10
6.25
min
3.50
+/-0.05
4.0
+/-0.1
4.0
+/-0.1
1.30
+/-0.10
0.228
+/-0.013
5.2
+/-0.3
0.06
+/-0.02
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
8mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
2.165
55
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
8mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOT-23 Embossed Carrier Tape
Configuration: Figure 3.0
SOT-23 Reel Configuration: Figure 4.0
P1
A0
D1
F
W
E1
E2
Tc
Wc
K0
T
B0
D0
P0
P2
SOT-23 Tape and Reel Data, continued
September 1999, Rev. C


Número de pieza similar - MMBTH81

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMBTH81 MOTOROLA-MMBTH81 Datasheet
126Kb / 4P
   UHF/VHF TRANSISTOR PMP SILICON
logo
ON Semiconductor
MMBTH81 ONSEMI-MMBTH81 Datasheet
615Kb / 11P
   PNP RF Transistor
October-2017, Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results

Descripción similar - MMBTH81

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MPSH81 ONSEMI-MPSH81 Datasheet
615Kb / 11P
   PNP RF Transistor
October-2017, Rev. 2
logo
Central Semiconductor C...
MPSH81 CENTRAL-MPSH81 Datasheet
116Kb / 2P
   PNP SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
AF239 SIEMENS-AF239 Datasheet
156Kb / 6P
   PNP GERMANIUM RF TRANSISTOR
logo
Solid States Devices, I...
SFT4957A2 SSDI-SFT4957A2 Datasheet
121Kb / 2P
   Dual PNP RF Transistor
logo
Vishay Telefunken
BF509 TFUNK-BF509 Datasheet
250Kb / 5P
   Silicon PNP RF Transistor
logo
Siemens Semiconductor G...
AF106 SIEMENS-AF106 Datasheet
182Kb / 6P
   PNP GERMANIUM RF TRANSISTOR
AF139 SIEMENS-AF139 Datasheet
200Kb / 8P
   PNP GERMANIUM RF TRANSISTOR
BF606A SIEMENS-BF606A Datasheet
61Kb / 2P
   PNP Silicon RF Transistor
AF109R SIEMENS-AF109R Datasheet
140Kb / 5P
   PNP GERMANIUM RF TRANSISTOR
AF239S SIEMENS-AF239S Datasheet
84Kb / 4P
   PNP GERMANIUM RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com