Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8066AR-REEL7 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8066AR-REEL7
Descripción Electrónicos  High Performance, 145 MHz FastFET Op Amps
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8066AR-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD8066AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8066AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD8065/AD8066
Rev. J | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 3
Specifications ±5 V........................................................................... 4
Specifications ±12 V......................................................................... 6
Specifications +5 V........................................................................... 7
Absolute Maximum Ratings............................................................ 9
Maximum Power Dissipation ..................................................... 9
Output Short Circuit .................................................................... 9
ESD Caution.................................................................................. 9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 20
Closed-Loop Frequency Response........................................... 20
Noninverting Closed-Loop Frequency Response .................. 20
Inverting Closed-Loop Frequency Response ......................... 20
Wideband Operation ................................................................. 21
Input Protection ......................................................................... 21
Thermal Considerations............................................................ 22
Input and Output Overload Behavior ..................................... 22
Layout, Grounding, and Bypassing Considerations .................. 23
Power Supply Bypassing ............................................................ 23
Grounding ................................................................................... 23
Leakage Currents........................................................................ 23
Input Capacitance ...................................................................... 23
Output Capacitance ................................................................... 23
Input-to-Output Coupling ........................................................ 24
Wideband Photodiode Preamp ................................................ 24
High Speed JFET Input Instrumentation Amplifier.............. 25
Video Buffer ................................................................................ 26
Outline Dimensions ....................................................................... 27
Ordering Guide .......................................................................... 28
Automotive Products ................................................................. 28


Número de pieza similar - AD8066AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8066AR-REEL7 AD-AD8066AR-REEL7 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8066AR-REEL7 AD-AD8066AR-REEL7 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
More results

Descripción similar - AD8066AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com