Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27403 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM27403
Descripción Electrónicos  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 4Page - Texas Instruments LM27403 Datasheet HTML 5Page - Texas Instruments LM27403 Datasheet HTML 6Page - Texas Instruments LM27403 Datasheet HTML 7Page - Texas Instruments LM27403 Datasheet HTML 8Page - Texas Instruments LM27403 Datasheet HTML 9Page - Texas Instruments LM27403 Datasheet HTML 10Page - Texas Instruments LM27403 Datasheet HTML 11Page - Texas Instruments LM27403 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
UVLO/EN
VIN
2.7V
VIN UVLO
4.73V
THERMAL
SHUTDOWN
VIN
VDD
2.7V
PLL & VCO
SYNC
FADJ
ENABLE
CLOCK
DIGITAL
SOFT-START
COUNTER
0.6V
REFERENCE
& LOGIC
SS/TRACK
VDD
3A
FB
RAMP
VIN
PWM
ADAPTIVE DRIVER,
LEVEL SHIFTER
and
FAULT LOGIC
CS+
PGOOD
CS±
HG
LG
SW
CBOOT
GND
VDD
699mV
678mV
546mV
522mV
COMP
VIN
SS
OV
UV
HICCUP LOGIC
RESET
OCP
Comparator
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
+
EA
+
-
VIN
1.8A
546mV
+
-
VDD
UVLO
GND
KFF = 0.11
+
-
TEMPERATURE
MONITOR
VIN
D+
OTP
-
RS
SWITCH = CLOSED
when VEN > 1.15V
VIN
8.7A
3720 ppm/°C
Thermal
Coefficient
ICS
IOTP
ICS
IOTP
1.15V
0.985V
1.15V
1.07V
LM27403
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Block Diagram
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM27403


Número de pieza similar - LM27403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403SQ/NOPB TI1-LM27403SQ/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403SQE/NOPB TI1-LM27403SQE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403SQX/NOPB TI1-LM27403SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
More results

Descripción similar - LM27403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com