Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27403SQX Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM27403SQX
Descripción Electrónicos  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM27403SQX Datasheet(HTML) 5 Page - Texas Instruments

  LM27403SQX Datasheet HTML 1Page - Texas Instruments LM27403SQX Datasheet HTML 2Page - Texas Instruments LM27403SQX Datasheet HTML 3Page - Texas Instruments LM27403SQX Datasheet HTML 4Page - Texas Instruments LM27403SQX Datasheet HTML 5Page - Texas Instruments LM27403SQX Datasheet HTML 6Page - Texas Instruments LM27403SQX Datasheet HTML 7Page - Texas Instruments LM27403SQX Datasheet HTML 8Page - Texas Instruments LM27403SQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C and VVIN = 12 V, all parameters at zero power dissipation (unless otherwise noted). Minimum and
maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most likely parametric
normal specifications at TJ = 25°C and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS(ON)3
ILG = 0.1 A (pullup)
1.5
Ω
Low-side MOSFET driver on-state
VDD = 4.5 V
resistance
RDS(ON)4
ILG = –0.1 A (pulldown)
0.9
Ω
IDRV-LG-SRC
Source current (pullup)
1.5
A
Low-side MOSFET driver peak
CLOAD = 3 nF
current
IDRV-LG-SINK
Sink current (pulldown)
2.0
A
TDEAD
Adaptive dead-time
15
ns
SOFT-START
ISS
Soft-start source current
VSS/TRACK = 0 V
1.0
3.0
5.0
µA
ISS-PD
Soft-start pulldown resistance
VSS/TRACK = 0.6 V
330
Ω
TSS-INT
Internal soft-start timeout
1.28
ms
POWER GOOD
IPGS
PGOOD low sink current
VPGOOD = 0.2 V, VFB = 0.75 V
70
100
µA
IPGL
PGOOD leakage current
VPGOOD = 5 V
1
10
µA
OVT
Overvoltage threshold
VFB rising, RS tied to GND
111%
116.5%
123%
OVTHYS
OVT hysteresis
VFB falling, RS tied to GND
3.5%
UVT
Undervoltage threshold
VFB rising, RS tied to GND
86%
91%
97%
UVTHYS
UVT hysteresis
VFB falling, RS tied to GND
4%
tdeglitch
Deglitch time
VPGOOD rising and falling
20
µs
UVLO/ENABLE
VUVLO1
Logic low threshold
VUVLO/EN falling
0.94
0.985
1.03
V
VUVLO2
Logic high threshold
VUVLO/EN rising
1.11
1.15
1.18
V
VUVLO-HYS
UVLO/EN voltage hysteresis
VUVLO/EN falling
139
165
190
mV
IUVLO1
UVLO/EN pullup current, disabled
VUVLO/EN = 0 V
0.8
1.8
2.7
µA
IUVLO2
UVLO/EN pullup current, enabled
VUVLO/EN = 1.25 V
5.5
10.5
15.5
µA
CLOCK SYNCHRONIZATION
VIH-SYNC
SYNC pin VIH
2
V
VIL-SYNC
SYNC pin VIL
0.8
V
SYNCFSW-L
Minimum clock sync frequency
200
kHz
SYNCFSW-H Maximum clock sync frequency
1.2
MHz
SYNCI
SYNC pin input current
1
µA
EXTERNAL TEMPERATURE SENSE AND THERMAL SHUTDOWN
ID+1
D+ pin state 1 current
10
µA
ID+2
D+ pin state 2 current
100
µA
IOTP
Remote thermal current
ΔVBE = 79.3 mV
(3)
13.5
14.6
15.5
µA
IOTP-TC
IOTP temperature coefficient
Referenced to
ΔVBE
(4)
158
187
213
nA/mV
VTRIP
Remote thermal trip point
1.15
V
Remote thermal trip point
VTRIP-HYS
80
mV
hysteresis
ROTP(nom) = 80.7 kΩ, ΔVBE = 79.3 mV
(3), T
J =
ROTP
OTP resistance, thermal shutdown
–5%
5%
125°C
TSHD
Internal thermal shutdown threshold Rising
150
°C
Internal thermal shutdown threshold
TSHD-HYS
20
°C
hysteresis
(3)
The specified parameter is calculated based on a 2N3904 transistor at 125°C.
(4)
Multiply by 19.9 to scale from nA/mV to ppm/°C (assumes 2N3904 BJT temperature sensor with ideality factor
η =1.004).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM27403


Número de pieza similar - LM27403SQX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27403SQX/NOPB TI1-LM27403SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
More results

Descripción similar - LM27403SQX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com