Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST015BG1SPGF Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

No. de pieza ST015BG1SPGF
Descripción Electrónicos  Amplified output whicheliminates the cost of external amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST015BG1SPGF Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  ST015BG1SPGF Datasheet HTML 1Page - Honeywell Solid State Electronics Center ST015BG1SPGF Datasheet HTML 2Page - Honeywell Solid State Electronics Center ST015BG1SPGF Datasheet HTML 3Page - Honeywell Solid State Electronics Center ST015BG1SPGF Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
HOW TO ORDER
ST
Series
100
Range
P
Unit
G
Reference
G = Gage (psig)
V = Vacuum**
1 S
P G
F
F = Fluorosilicone
G = 4 mA to 20 mA
R = 0.5 Vdc to 4.5 Vdc Regulated
C = 0.5 Vdc to 4.5 Vdc Ratiometric
P = Packard
S = Stainless Steel
B = Brass
Internal Seal
Material
Output
Termination
Port Material
Pressure
Connections
B = BAR
P = PSI
BAR
0R4*
0R6*
001
1R6*
2R5*
004
006
010
016
005
010
015
025
050
PSI
100
150
200
250
1 = 1/8-27 NPT
2 = 1/4-18 NPT
6 = G1/4-19 BSP
* The character R replaces the decimal point in fractional pressure ranges.
** For 015 pressure range only, full scale output at -14.7 psi.
Note: Not all combinations are available. Minimum quantity orders apply. Contact Honeywell for more details
Honeywell
• Sensing and Control 3


Número de pieza similar - ST015BG1SPGF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
ST015PG1SPGF HONEYWELL-ST015PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST015PG1SPGF HONEYWELL-ST015PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
More results

Descripción similar - ST015BG1SPGF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
   Amplified Ratiometric Analog Output
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
E-Tech Electronics LTD
GBC328 ETL-GBC328 Datasheet
191Kb / 3P
   The GBC328 is designed for drive and output-stages of audio amplifiers
GBC337 ETL-GBC337 Datasheet
188Kb / 3P
   The GBC337 is designed for drive and output-stages of audio amplifiers
GBC548 ETL-GBC548 Datasheet
171Kb / 2P
   The GBC548 is designed for drive and output-stages of audio amplifiers
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
E-Tech Electronics LTD
GBC338 ETL-GBC338 Datasheet
189Kb / 3P
   The GBC338 is designed for drive and output-stages of audio amplifiers
GBC558 ETL-GBC558 Datasheet
186Kb / 2P
   The GBC558 is designed for drive and output-stages of audio amplifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com