Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML01KBG1PG Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

No. de pieza ML01KBG1PG
Descripción Electrónicos  High value and outstanding performance No internal elastomeric seals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ML01KBG1PG Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  ML01KBG1PG Datasheet HTML 1Page - Honeywell Solid State Electronics Center ML01KBG1PG Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.honeywell.com/sensing/
ML SERIES
PRESSURE TRANSDUCER
TECHNICAL SPECIFICATIONS
Sensing and Control
Honeywell
100 Discovery Way
Acton, MA 01720 USA
Tel: (877) 384-1300; Fax: (978) 263-0630
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Contact your local
sales office for warranty information. If warranted goods are returned to Honeywell during the period of coverage, Honeywell
will repair or replace without charge those items it finds defective. The foregoing is Buyer’s sole remedy and is in lieu of all other
warranties, expressed or implied, including those of merchantability and fitness for a particular purpose.
Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing.
However, we assume no responsibility for its use.
While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer
to determine the suitability of the product in the application.
Item # 1121700 M.G. 3/01 Rev. A
RANGES
15, 25, 50 PSIG; 100, 200, 300, 500, 1000, 2000, 3000, 5000 PSIS
6, 10, 16, 25, 40, 60, 100,160, 250 BAR
PHYSICAL
Proof Pressure
< 500 psi
≥ 500 psi
2 X rated range
1.5 X rated range
Burst Pressure
< 500 psi
≥ 500 psi (30K psi max)
10 X rated range
10 X rated range
Material in Contact
300 series SS,
with Media
braze compound
Weight
2.0 oz (57 gm)
ENVIRONMENTAL
Shock
50 g’s peak (5 ms), 100 g’s peak (11 ms)
Vibration
Figure 514.2-5, Curve AK, Table 514.2-V
Random Vibration Test (Overall g rms = 20.7 minimum)
ELECTRICAL
Ratiometric Voltage Regulated
Current
Zero Output
0.5 Vdc
1.0 Vdc
4.0 mA
Full Scale Output*
4.0 Vdc
5.0 Vdc
16 mA
(0.50-4.50 Vdc)
(1.0-6.0 Vdc)
(4-20 mA)
Excitation
5 Vdc
±250 mV
7-35 Vdc
9.5-35 Vdc
(7.0 V max)
Supply Current
5 mA typical
5 mA typical
N/A
(7 mA max)
(7 mA max)
Source (nominal)
2.0 mA
2.0 mA
N/A
Sink (nominal)
20
µA
20
µA
N/A
@ zero output
@ zero output
Supply Rejection Ratio 90 db
90 db
90 db
Output Impedance
25 W max.
25 W max.
N/A
PERFORMANCE
Response Time
< 500 microseconds
EMI/RFI
Exceeds CE heavy industrial (30v/m radiated 150kHz-1gHz)
Electrical
Packard Metri-Pack™ connector requires
Connection
Packard #12065287 mating connector
Accuracy
±0.25% F.S.O. best fit straight line.
Includes: non-linearity, hysteresis, non-repeatability.
Thermal errors not included. 0.5% < 100 PSI **
Total Error Band
±2% Typical (±3% Max.) F.S.O.
Includes: zero offset error, span error, thermal effect on zero
and thermal effect on span, non-linearity, hysteresis, non-repeatability
Compensated Operating and
-40
° to 105°C
Storage Temperature Range
(-40
° to 221°F)
* PSIG vented thru vent hole protected by Gortex® filter
NOTE: All specifications are measured at 25
° C (77° F) and at rated excitation unless
otherwise specified.
NOTE: Meets IEC-68-2 or MIL-STD 810C.
NOTE: Contact the factory to discuss other pressure ranges.
PIN AND WIRE CODES
DIMENSIONS
xx.xx = inches
(xx.x) = mm
Pins
Voltage
Current
A
+ Excitation
+ Excitation
B
Output
- Excitation
C
Common
NC
[40] *
1.58
[19]
0.73
[22]
0.85
1/8-27 NPT or 1/4-18 NPT
1-1/16 [27] HEX
[27]
1.06
[15] **
0.60
a
c
b
Not Intended for
Customer use
* Maximum
** 0.75 [19] for 1/4-18 NPT


Número de pieza similar - ML01KBG1PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
ML01KPS1PG HONEYWELL-ML01KPS1PG Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
ML01KPS1PG HONEYWELL-ML01KPS1PG Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
ML01KPS2PC HONEYWELL-ML01KPS2PC Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
ML01KPS2PC HONEYWELL-ML01KPS2PC Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
More results

Descripción similar - ML01KBG1PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ANT-916-PML ETC2-ANT-916-PML Datasheet
81Kb / 1P
   Outstanding performance
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Linx Technologies
ANT-2.4-PML LINX-ANT-2.4-PML Datasheet
288Kb / 2P
   Outstanding performance
5/1/15
ANT-433-PW-QW LINX-ANT-433-PW-QW Datasheet
436Kb / 2P
   Outstanding performance
1/26/15
logo
Grayhill, Inc
71A30-02-1-12N-C GRAYHILL-71A30-02-1-12N-C Datasheet
363Kb / 14P
   Performance and Value Leader
logo
STMicroelectronics
STM32H730 STMICROELECTRONICS-STM32H730 Datasheet
320Kb / 4P
   High-performance value lines
logo
Linx Technologies
ANT-868-CW-QW LINX-ANT-868-CW-QW Datasheet
342Kb / 2P
   CW Series 쩌-wave antennas deliver outstanding performance
12/9/13
ANT-418-CW-QW LINX-ANT-418-CW-QW Datasheet
343Kb / 2P
   CW Series 쩌-wave antennas deliver outstanding performance in a rugged and cosmetically
12/9/13
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
   Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com