Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11032N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74ACT11032N
Descripción Electrónicos  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032N Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11032N Datasheet HTML 1Page - Texas Instruments 74ACT11032N Datasheet HTML 2Page - Texas Instruments 74ACT11032N Datasheet HTML 3Page - Texas Instruments 74ACT11032N Datasheet HTML 4Page - Texas Instruments 74ACT11032N Datasheet HTML 5Page - Texas Instruments 74ACT11032N Datasheet HTML 6Page - Texas Instruments 74ACT11032N Datasheet HTML 7Page - Texas Instruments 74ACT11032N Datasheet HTML 8Page - Texas Instruments 74ACT11032N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Center-Pin VCC and GND Configurations to
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at 125°C
D Package Options Include Plastic
Small-Outline Packages (D), Plastic Shrink
Small-Outline Packages (DB), Plastic Thin
Shrink Small-Outline Packages (PW), and
Standard Plastic 300-mil DIPs (N)
description
This device contains four independent 2-input OR gates. It performs the Boolean function Y = A + B or
Y
+ A • B in positive logic.
The 74ACT11032 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
HH
L
L
L
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
7
6
3
2
4B
4A
3B
3A
2B
2A
1B
1A
4Y
3Y
2Y
1Y
8
9
10
11
14
15
16
1
logic diagram (positive logic)
1Y
1A
1B
2Y
2A
2B
3Y
3A
3B
4Y
4A
4B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
4Y
4B
1B
2A
2B
VCC
VCC
3A
3B
4A
D, DB, N, OR PW PACKAGE
(TOP VIEW)
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - 74ACT11032N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT11032N TI-74ACT11032N Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Descripción similar - 74ACT11032N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com