Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC102S051 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
ADC102S051 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 25 page ADC102S021 www.ti.com SNAS281G – FEBRUARY 2005 – REVISED MARCH 2013 ADC102S021 Converter Electrical Characteristics (1) (continued) The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200 ksps, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C. Parameter Test Conditions Typ Limits(1) Units DIGITAL OUTPUT CHARACTERISTICS ISOURCE = 200 µA VA − 0.03 VA − 0.5 V (min) VOH Output High Voltage ISOURCE = 1 mA VA − 0.1 V ISINK = 200 µA 0.03 0.4 V (max) VOL Output Low Voltage ISINK = 1 mA 0.1 V IOZH, IOZL TRI-STATE Leakage Current ±0.01 ±1 µA (max) COUT TRI-STATE Output Capacitance 2 4 pF (max) Output Coding Straight (Natural) Binary POWER SUPPLY CHARACTERISTICS (CL = 10 pF) 2.7 V (min) VA Supply Voltage 5.25 V (max) VA = +5.25V, 1.3 1.8 mA (max) fSAMPLE = 200 ksps, fIN = 40 kHz Supply Current, Normal Mode (Operational, CS low) VA = +3.6V, 0.55 0.7 mA (max) fSAMPLE = 200 ksps, fIN = 40 kHz IA VA = +5.25V, 90 nA fSAMPLE = 0 ksps Supply Current, Shutdown (CS high) VA = +3.6V, 32 nA fSAMPLE = 0 ksps VA = +5.25V 6.9 9.5 mW (max) Power Consumption, Normal Mode (Operational, CS low) VA = +3.6V 1.94 2.5 mW (max) PD VA = +5.25V 0.47 µW Power Consumption, Shutdown (CS high) VA = +3.6V 0.12 µW AC ELECTRICAL CHARACTERISTICS 0.8 MHz (min) fSCLK Clock Frequency See(2) 3.2 MHz (max) 50 ksps (min) fS Sample Rate See(2) 200 ksps (max) tCONV Conversion Time 13 SCLK cycles 30 % (min) DC SCLK Duty Cycle fCLK = 3.2 MHz 50 70 % (max) tACQ Track/Hold Acquisition Time Full-Scale Step Input 3 SCLK cycles Throughput Time Acquisition Time + Conversion Time 16 SCLK cycles (2) This is the frequency range over which the electrical performance is specified. The device is functional over a wider range which is specified under Operating Ratings. ADC102S021 Timing Specifications The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200 ksps, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C. Parameter Test Conditions Typ Limits(1) Units VA = +3.0V −3.5 tCSU Setup Time SCLK High to CS Falling Edge See(2) 10 ns (min) VA = +5.0V −0.5 VA = +3.0V +4.5 tCLH Hold time SCLK Low to CS Falling Edge See(2) 10 ns (min) VA = +5.0V +1.5 (1) Tested limits are specified to Texas Instrument's AOQL (Average Outgoing Quality Level). (2) Clock may be either high or low when CS is asserted as long as setup and hold times tCSU and tCLH are strictly observed. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: ADC102S021 |
Número de pieza similar - ADC102S051 |
|
Descripción similar - ADC102S051 |