Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCVF25081DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCVF25081DRG4
Descripción Electrónicos  3.3-V PHASED-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCVF25081DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF25081DRG4 Datasheet HTML 1Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 2Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 3Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 4Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 5Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 6Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 7Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 8Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CDCVF25081
3.3-V PHASED-LOCK LOOP CLOCK DRIVER
SCAS671A – OCTOBER 2001 – REVISED FEBRUARY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
PIN NO.
TYPE
DESCRIPTION
1Y[0:3]
2, 3, 14, 15
O
Bank 1Yn clock outputs. These outputs are low-skew copies of CLKIN. Each output has an integrated
25-
Ω series-damping resistor.
2Y[0:3]
6, 7, 10, 11
O
Bank 2Yn clock outputs. These outputs are low-skew copies of CLKIN. Each output has an integrated
25-
Ω series-damping resistor.
CLKIN
1
I
Clock input. CLKIN provides the clock signal to be distributed by the CDCVF25081 clock driver. CLKIN is
used to provide the reference signal to the integrated PLL that generates the output signal. CLKIN must
have a fixed frequency and phase in order for the PLL to acquire lock. Once the circuit is powered up and
a valid signal is applied, a stabilization time is required for the PLL to phase lock the feedback signal to
CLKIN.
FBIN
16
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be wired to one of the
outputs to complete the feedback loop of the internal PLL. The integrated PLL synchronizes the FBIN and
output signal so there is nominally zero-delay from input clock to output clock.
GND
5, 12
Ground
Ground
S1, S2
9, 8
I
Select pins to determine mode of operation. See the FUNCTION TABLE for mode selection options.
VDD
4, 13
Power
Supply voltage. The supply voltage range is 3 V to 3.6 V


Número de pieza similar - CDCVF25081DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF25081DRG4 TI-CDCVF25081DRG4 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
More results

Descripción similar - CDCVF25081DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF25081 TI-CDCVF25081 Datasheet
161Kb / 12P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081DRG4 TI-CDCVF25081DRG4 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com