Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC80-CBI-I Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza DAC80-CBI-I
Descripción Electrónicos  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC80-CBI-I Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC80-CBI-I Datasheet HTML 2Page - Texas Instruments DAC80-CBI-I Datasheet HTML 3Page - Texas Instruments DAC80-CBI-I Datasheet HTML 4Page - Texas Instruments DAC80-CBI-I Datasheet HTML 5Page - Texas Instruments DAC80-CBI-I Datasheet HTML 6Page - Texas Instruments DAC80-CBI-I Datasheet HTML 7Page - Texas Instruments DAC80-CBI-I Datasheet HTML 8Page - Texas Instruments DAC80-CBI-I Datasheet HTML 9Page - Texas Instruments DAC80-CBI-I Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
DAC80/80P
®
Driving a Resistive Load Unipolar
A load resistance, R
L = RLI + RLS, connected as shown in
Figure 11 will generate a voltage range, V
OUT, determined
by:
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
V
OUT = –2mA [(RL x RO) ÷ (RL + RO)]
The unipolar output impedance R
O equals 6.6kΩ (typ) and
R
LI
is the internal load resistance of 968
Ω (derived by
connecting pin 15 to 20 and pin 18 to 19). By choosing R
LS
= 210
Ω, R
L = 1178Ω. RL in parallel with RO yields 1kΩ total
load. This gives an output range of 0 to –2V. Since R
O is not
exact, initial trimming per Figure 3 may be necessary; also
R
LS may be trimmed.
Driving a Resistive Load Bipolar
The equivalent output circuit for a bipolar output voltage
range is shown in Figure 12, R
L
= R
LI
+ R
LS.
V
OUT
is
determined by:
V
OUT = ±1mA [(RO x RL) ÷ (RO + RL)]
By connecting pin 17 to 15, the output current becomes
bipolar (
±1mA) and the output impedance R
O
becomes
3.2k
Ω (6.6kΩ in parallel with 6.3kΩ). R
LI is 1200Ω (derived
by connecting pin 15 to 18 and pin 18 to 19). By choosing
R
LS = 225Ω, RL = 1455Ω. RL in parallel with RO yields 1kΩ
total load. This gives an output range of
±1V. As indicated
above, trimming may be necessary.
FIGURE 12. Current Output Model Connected for Bipolar
Output Voltage with Resistive Load.
21
15
+1mA
V
OUT
R
LI
R
O
Current Controlled
by Digital Input
+
Common
R
LS
20
FIGURE 11. Current Output Model Equivalent Circuit
Connected for Unipolar Voltage Output with
Resistive Load.
21
15
0 to
–2mA
V
OUT
R
LI
R
O
Current Controlled
by Digital Input
+
Common
R
LS
18


Número de pieza similar - DAC80-CBI-I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC80-CBI-I BURR-BROWN-DAC80-CBI-I Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - DAC80-CBI-I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com