Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7611UG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza DAC7611UG4
Descripción Electrónicos  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC7611UG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC7611UG4 Datasheet HTML 1Page - Texas Instruments DAC7611UG4 Datasheet HTML 2Page - Texas Instruments DAC7611UG4 Datasheet HTML 3Page - Texas Instruments DAC7611UG4 Datasheet HTML 4Page - Texas Instruments DAC7611UG4 Datasheet HTML 5Page - Texas Instruments DAC7611UG4 Datasheet HTML 6Page - Texas Instruments DAC7611UG4 Datasheet HTML 7Page - Texas Instruments DAC7611UG4 Datasheet HTML 8Page - Texas Instruments DAC7611UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
®
5
DAC7611
TIMING DIAGRAMS
LOGIC TRUTH TABLE
SERIAL SHIFT
CS(1) CLK(1)
CLR
LD
REGISTER
DAC REGISTER
H
X
H
H
No Change
No Change
L
L
H
H
No Change
No Change
L
H
H
H
No Change
No Change
L
H
H
Advanced One Bit
No Change
L
H
H
Advanced One Bit
No Change
H(2)
XH
No Change
Changes to Value of
Serial Shift Register
H(2)
XH
L(3)
No Change
Transparent
H
X
L
X
No Change
Loaded with 000H
HX
H
No Change
Latched with 000H
↑ Positive Logic Transition; ↓ Negative Logic Transition; X = Don’t Care.
NOTES: (1) CS and CLK are interchangeable. (2) A HIGH value is suggested
in order to avoid to “false clock” from advancing the shift register and changing
the DAC voltage. (3) If data is clocked into the serial register while LD is LOW,
the DAC output voltage will change, reflecting the current value of the serial
shift register.
TIMING SPECIFICATIONS
TA = –40°C to +85°C and VDD = +5V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX UNITS
tCH
Clock Width HIGH
30
ns
tCL
Clock Width LOW
30
ns
tLDW
Load Pulse Width
20
ns
tDS
Data Setup
15
ns
tDH
Data Hold
15
ns
tCLRW
Clear Pulse Width
30
ns
tLD1
Load Setup
15
ns
tLD2
Load Hold
10
ns
tCSS
Select
30
ns
tCSH
Deselect
20
ns
NOTE: All input control signals are specified with tR = tF = 5ns (10% to 90%
of +5V) and timed from a voltage level of 1.6V. These parameters are
guaranteed by design and are not subject to production testing.
D11
(MSB)
(LSB)
SDI
CLK
CS
LD
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
t
CSS
t
LD1
t
LD2
t
CSH
LD
FS
ZS
CLR
V
OUT
t
LDW
t
S
t
CLRW
t
S
±1 LSB
Error Band
SDI
CLK
t
CL
t
CH
t
DH
t
DS


Número de pieza similar - DAC7611UG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7611U BURR-BROWN-DAC7611U Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611UB BURR-BROWN-DAC7611UB Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7611UG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com