Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5130PTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5130PTR
Descripción Electrónicos  TRIPLE SYNCHRONOUS BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5130PTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS5130PTR Datasheet HTML 1Page - Texas Instruments TPS5130PTR Datasheet HTML 2Page - Texas Instruments TPS5130PTR Datasheet HTML 3Page - Texas Instruments TPS5130PTR Datasheet HTML 4Page - Texas Instruments TPS5130PTR Datasheet HTML 5Page - Texas Instruments TPS5130PTR Datasheet HTML 6Page - Texas Instruments TPS5130PTR Datasheet HTML 7Page - Texas Instruments TPS5130PTR Datasheet HTML 8Page - Texas Instruments TPS5130PTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS5130
SLVS426 − MAY 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, V(VIN) = V(VIN_SENSE12) = V(VIN_SENSE3) = 12 V (unless otherwise noted)
VREF3.3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IO = 0 mA to 30 mA,
V(VIN) = 5.5 V to 28 V,
TA = 25°C
3.15
3.30
3.45
V
Line regulation
V(VIN) = 5.5 V to 28 V, IO = 10 mA
20
mV
Load regulation
IO = 1 mA to 10 mA,
V(VIN) = 5.5 V
40
mV
IOS
Short circuit output current
V(VREF3.3) = 0 V,
TA = 25°C
−30
mA
Control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
SS_STBYx, STBY_LDO, PWM_SEL, STBY_VREF3.3/5
2.2
V
VIL
Low-level input voltage
SS_STBYx, STBY_LDO, PWM_SEL, STBY_VREF3.3/5
0.3
V
Output Voltage Monitor
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVP comparator threshold
SBRC, LDO
0.91
0.95
0.99
V
UVP comparator threshold
SBRC, LDO
0.51
0.55
0.59
V
PG comparator low-level threshold
0.75
0.79
0.81
V
PG comparator high-level threshold
0.88
0.91
0.94
V
PG propagation delay from INVx, INV_LDO to PGOUT (no load at PG_DELAY)
Powergood H to L
6.5
s
PG propagation delay from INVx, INV_LDO to PGOUT (no load at PG_DELAY)
Powergood L to H
16
µs
I(PG_DELAY)
PG_DELAY source current
−1.8
µA
Timer latch current source
UVP protection
−1.5
−2.3
−3.1
µA
Timer latch current source
OVP protection
−80
−125
−180
Oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Oscillation frequency
PWM mode, C(CT) = 44 pF, TA = 25°C
300
kHz
VOH
High level output voltage
dc
1
1.1
1.2
V
VOH
High level output voltage
fosc = 300 kHz
1.17
V
VOL
Low level output voltage
dc
0.4
0.5
0.6
V
VOL
Low level output voltage
fosc = 300 kHz
0.43
V
Error Amplifier for SBRC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
INVx voltage,
TA = 25°C
2
10
mV
Open loop voltage gain
50
dB
Unity-gain bandwidth
2.5
MHz
IO(snk)
Output sink current
V(FBx) = 1 V
0.2
0.7
mA
IO(src)
Output source current
V(FBx) = 1 V
−0.2
−0.9
mA
Duty Control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum duty control
CH1/3, fosc = 300 kHz, V(INVx) = 0 V
82%
Maximum duty control
CH2,
fosc = 300 kHz, V(INVx) = 0 V
97%


Número de pieza similar - TPS5130PTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5130PT TI-TPS5130PT Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results

Descripción similar - TPS5130PTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com