Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STARTERWARE-ARMMPU Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza STARTERWARE-ARMMPU
Descripción Electrónicos  TI embedded processors based on ARM technology
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

STARTERWARE-ARMMPU Datasheet(HTML) 10 Page - Texas Instruments

Back Button STARTERWARE-ARMMPU Datasheet HTML 6Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 7Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 8Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 9Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 10Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 11Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 12Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 13Page - Texas Instruments STARTERWARE-ARMMPU Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
C2000Concertomicrocontrollers
10
Engineering is full of compromises. It’s a balance between numerous
aspects – cost, power consumption, reliability, feature set, flexibility and
the list goes on. With every generation, engineers push the envelope of
efficiency and functionality in their designs. Digital control is bringing new
possibilities in driving smarter and more efficient systems. Connectivity is
becoming pervasive in applications that previously didn’t require commu-
nication. Today, in many real-time control applications, such as automa-
tion or energy conversion, one of the biggest compromises is finding a
balance between robust loop control and adding communications or host
functionality. But what if you could eliminate some of those compromises?
With the C2000 Concerto family of microcontrollers, the need to compro-
mise is eliminated. By combining an industry-leading host core along with
an industry-leading control core, Concerto MCUs provide the best of both
worlds in one device, simplifying both hardware and software aspects, all
while reducing cost. (
www.ti.com/concerto)
• No need to compromise between communication and control
• Enable safety certifications
• Lower system cost with integration
• Scalable performance, selectable math and control enhancements
• Single IDE built-in functionality with dual-subsystem debugging and
programming
• Multi OS support
• controlSUITE™ application software libraries and device drivers to
reduce development time. Simple, quick and secure communication
between subsystems.
Why Concerto microcontrollers?
Control Subsystem
C28x™ 32-bit CPU
Up to 150 MHz
Floating-point
unit
VCU
• Viterbi
• CRC
• Complex MPY
• FFT
Comms
• McBSP/SPI/
I S
• UART
2
Shared
12 bit, 10 ch, 2 SH, 3 MSPS
3-ch analog comparator
12 bit, 10 ch, 2 SH, 3 MSPS
3-ch analog comparator
Analog Temp sense
System
6-ch DMA
256–512 KB
ECC Flash
20-KB ECC RAM
Memory
Control Modules
2-KB message
2-KB message
Parity RAM
Up to 64 KB
64-KB ROM
128-bit security
16-KB parity RAM
Pwr & Clocking
• 10 MHz / 30 KHz INT OSC
• 4–20 MHz EXT
• Clock fail detect
• 3.3-V VREG
• POR/BOR
9× ePWM modules:
18× Outputs / 16× HR
Fault trip zones
3× 32-bit eQEP
6× 32-bit eCAP
Host Subsystem
ARM Cortex -M3
®
32-bit CPU
Up to 100 MHz
System & Clocking
32-ch DMA
4 Timers
Communications
USB OTG FS PHY
10/100 Ethernet MAC
1588 w/ MII
256–512 KB
ECC Flash
16 KB ECC RAM
Memory
2× 128-bit security
2 Watchdogs
2× I C
2
5× UART
2× CAN
64-KB ROM
16-KB parity RAM
External interface
4× SSI
Key features
• C28x (up to 150 MHz) optimized for:
Real-time control (DSP heritage)
Sensing and DSP filtering and processing
Firmware programmable PLM solutions (VCU)
Digital power independent multi-loop control
Motor control and power monitoring
Industry-leading control peripherals
• ARM Cortex-M3 (up to 100 MHz) optimized for:
Host communications: Ethernet, USB, CAN, UART, SPI, I2C
Scheduling
O/S
Key peripherals
• Flexible high-resolution PWMs to support complex waveforms
and timings
• High-speed precision analog including dual 2.9 MSPS
12-bit ADCs, analog comparators
• Ethernet with on-chip MAC
• USB On-the-Go with on-chip MAC and PHY
• Dual CAN
www.ti.com/concerto
C2000 Concerto development tools
Name
Tool part number
Tool type
Price
Concerto H52C1
Experimenter Kit
TMDXDOCKH52C1
Experimenter Kit
$139
Concerto
controlCARD
TMDXCNCDH52C1
controlCARD
$99
Getting started – kits and software
Concerto tools will continue the C2000 controlCARD tools methodology.
By detaching the C2000 processor and all necessary support circuitry and
putting them on controlCARDs, a designer can test multiple processors on
one application board. These controlCARDs require only one 5-V supply
and plug into a simple motherboard connector that gives access to every
pin on the device. All C2000 application kits are also based on controlCARDs.
Start exploring what Concerto MCUs have to offer, right out of the box!
Key applications
• Industrial automation
• Solar inverters/Micro-inverters
• Server and telecom power
• Power monitoring
• Automotive
• Integrated power line
communication


Número de pieza similar - STARTERWARE-ARMMPU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
StarterKit-002-77M2 ETC2-StarterKit-002-77M2 Datasheet
431Kb / 2P
   Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
More results

Descripción similar - STARTERWARE-ARMMPU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
   ARM-based Embedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
   ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
   ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
   ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
AT91SAM9G45B-CU ATMEL-AT91SAM9G45B-CU Datasheet
5Mb / 1185P
   AT91SAM ARM-based Embedded MPU
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
   SMART ARM-based Embedded MPU
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
   AT91SAM ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
   AT91SAM ARM-based Embedded MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com