Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6756AMRMY Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN6756AMRMY
Descripción Electrónicos  FAN6756??mWSaver??PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6756AMRMY Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN6756AMRMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6756AMRMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6756 • Rev. 2.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VVDD
DC Supply Voltage
(2,3)
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VSENSE
SENSE Pin Input Voltage
-0.3
7.0
V
VRT
RT Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
500
V
PD
Power Dissipation (TA<50°C)
400
mW
JA
Thermal Resistance (Junction-to-Air)
150
C/W
TJ
Operating Junction Temperature
-40
+125
C
TSTG
Storage Temperature Range
-55
+150
C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
C
ESD
Human Body Model,
JEDEC:JESD22-A114
All Pins Except HV Pin
(4)
6000
V
Charged Device Model,
JEDEC:JESD22-C101
All Pins Except HV Pin
(4)
2000
Notes
:
2.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
3.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
4.
ESD level on HV pin is CDM=1250 V and HBM=500 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. We does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
RHV
Resistance on HV Pin
150
200
250
kΩ


Número de pieza similar - FAN6756AMRMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
Fairchild Semiconductor
FAN6756MLMY FAIRCHILD-FAN6756MLMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FAN6756MLMY ONSEMI-FAN6756MLMY Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
Fairchild Semiconductor
FAN6756MRMY FAIRCHILD-FAN6756MRMY Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FAN6756MRMY ONSEMI-FAN6756MRMY Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
More results

Descripción similar - FAN6756AMRMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com