Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3356-A Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza 2SC3356-A
Descripción Electrónicos  NPN Silicon RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3356-A Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC3356-A Datasheet HTML 1Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 2Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 3Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 4Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 5Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 6Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 7Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 8Page - Renesas Technology Corp 2SC3356-A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R09DS0021EJ0300 Rev.3.00
Page 1 of 7
Jun 28, 2011
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
PreliminaryData Sheet
2SC3356
NPN Silicon RF Transistor
NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
FEATURES
• Low noise and high gain : NF = 1.1 dB TYP., Ga = 11 dB TYP. @ VCE = 10 V, IC = 7 mA, f = 1 GHz
• High power gain : MAG = 13 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1 GHz
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Supplying Form
2SC3356
2SC3356-A
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC3356-T1B
2SC3356-T1B-A
3-pin Minimold
(Pb-Free)
3 kpcs/reel
• Pin 3 (Collector) face the perforation side of the tape
Remark To order evaluation samples, please contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free air
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0021EJ0300
Rev.3.00
Jun 28, 2011
<R>


Número de pieza similar - 2SC3356-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3356-3 KEXIN-2SC3356-3 Datasheet
1Mb / 3P
   NPN Transistors
logo
Comchip Technology
2SC3356-G COMCHIP-2SC3356-G Datasheet
134Kb / 4P
   General Purpose Transistor
logo
Guangdong Kexin Industr...
2SC3356-HF KEXIN-2SC3356-HF Datasheet
1Mb / 3P
   NPN Transistors
2SC3356-HF-3 KEXIN-2SC3356-HF-3 Datasheet
1Mb / 3P
   NPN Transistors
2SC3356-R23 KEXIN-2SC3356-R23 Datasheet
1Mb / 3P
   NPN Transistors
More results

Descripción similar - 2SC3356-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com