Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847QAPN Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BC847QAPN
Descripción Electrónicos  45 V, 100 mA NPN/PNP general-purpose transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847QAPN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BC847QAPN Datasheet HTML 4Page - NXP Semiconductors BC847QAPN Datasheet HTML 5Page - NXP Semiconductors BC847QAPN Datasheet HTML 6Page - NXP Semiconductors BC847QAPN Datasheet HTML 7Page - NXP Semiconductors BC847QAPN Datasheet HTML 8Page - NXP Semiconductors BC847QAPN Datasheet HTML 9Page - NXP Semiconductors BC847QAPN Datasheet HTML 10Page - NXP Semiconductors BC847QAPN Datasheet HTML 11Page - NXP Semiconductors BC847QAPN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
BC847QAPN
45 V, 100 mA NPN/PNP general-purpose transistor
BC847QAPN
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
19 July 2013
8 / 14
- 200
- 1200
- 400
- 600
- 800
- 1000
mle193
- 10- 2
- 10- 1
(1)
- 1
IC (mA)
VBE
(mV)
- 10
- 102
- 103
(3)
(2)
VCE = -5 V
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 12. PNP transistor: Base-emitter voltage as a
function of collector current; typical values
- 200
- 1200
- 400
- 600
- 800
- 1000
mle195
- 1
- 10- 1
IC (mA)
VBEsat
(mV)
- 10
- 102
- 103
(1)
(3)
(2)
IC/IB = 20
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 13. PNP transistor: Collector-emitter saturation
voltage as a function of collector current;
typical values
- 104
- 103
- 102
- 10
mle194
- 10- 1
- 1
- 10
IC (mA)
VCEsat
(mV)
- 102
- 103
(2)
(3)
(1)
IC/IB = 20
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 14. PNP transistor: Collector-emitter saturation
voltage as a function of collector current;
typical values
006aab427
IC (mA)
- 10- 1
- 102
- 10
- 1
108
109
fT
(Hz)
107
Tamb = 25 °C;
VCE = -5 V;
f = 100 MHz
Fig. 15. PNP transistor: Transition frequency as a
function of collector current; typical values


Número de pieza similar - BC847QAPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
More results

Descripción similar - BC847QAPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847BPN115 PHILIPS-BC847BPN115 Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BVN NEXPERIA-BC847BVN Datasheet
200Kb / 9P
   45 V, 100 mA NPN/PNP general purpose transistor
27 December 2022
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
logo
NXP Semiconductors
BC847BPN NXP-BC847BPN Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BPNH-Q NEXPERIA-BC847BPNH-Q Datasheet
268Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC847BPNH NEXPERIA-BC847BPNH Datasheet
267Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
logo
Nexperia B.V. All right...
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com