Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1871YRS Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD1871YRS
Descripción Electrónicos  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1871YRS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1871YRS Datasheet HTML 2Page - Analog Devices AD1871YRS Datasheet HTML 3Page - Analog Devices AD1871YRS Datasheet HTML 4Page - Analog Devices AD1871YRS Datasheet HTML 5Page - Analog Devices AD1871YRS Datasheet HTML 6Page - Analog Devices AD1871YRS Datasheet HTML 7Page - Analog Devices AD1871YRS Datasheet HTML 8Page - Analog Devices AD1871YRS Datasheet HTML 9Page - Analog Devices AD1871YRS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1871
–6–
REV. 0
DATA INTERFACE TIMING (STANDALONE MODE–SLAVE)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tBCH
BCLK High Width
30
ns
tBCL
BCLK Low Width
30
ns
tBDSD
DOUT Delay
20
ns
From BCLK Falling
tLRS
LRCLK Setup
10
ns
To BCLK Rising
tLRH
LRCLK Hold
5
ns
From BCLK Rising
tBDSD
BCLK
LRCLK
DOUT
LEFT-JUSTIFIED
MODE
DOUT
RIGHT-JUSTIFIED
MODE
LSB
DOUT
I2S-JUSTIFIED
MODE
tBCH
tDBP
tBCL
MSB
MSB–1
MSB
MSB
8-BIT CLOCKS
(24-BIT DATA)
12-BIT CLOCKS
(20-BIT DATA)
16-BIT CLOCKS
(16-BIT DATA)
tLRS
Figure 3. Slave Data Interface Timing


Número de pieza similar - AD1871YRS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com