Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7495AR Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7495AR
Descripción Electrónicos  1 MSPS,12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7495AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7495AR Datasheet HTML 6Page - Analog Devices AD7495AR Datasheet HTML 7Page - Analog Devices AD7495AR Datasheet HTML 8Page - Analog Devices AD7495AR Datasheet HTML 9Page - Analog Devices AD7495AR Datasheet HTML 10Page - Analog Devices AD7495AR Datasheet HTML 11Page - Analog Devices AD7495AR Datasheet HTML 12Page - Analog Devices AD7495AR Datasheet HTML 13Page - Analog Devices AD7495AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7475/AD7495
Rev. B | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
REF IN
VIN
GND
VDD
VDRIVE
SDATA
SCLK
AD7475
CS
Figure 5. AD7475 SOIC/MSOP Pin Configuration
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
REF OUT
VIN
GND
VDD
VDRIVE
SDATA
SCLK
AD7495
CS
Figure 6. AD7495 SOIC/MSOP Pin Configuration
Table 5. Pin Descriptions
Pin No.
Mnemonic
Function
1 (AD7475)
REF IN
Reference Input for the AD7475. An external reference must be applied to this input. The voltage range for
the external reference is 2.5 V ± 1% for specified performance. A cap of a least 0.1 μF should be placed on the
REF IN pin.
1 (AD7495)
REF OUT
Reference Output for the AD7495. A minimum 100 nF capacitance is required from this pin to GND. The
internal reference can be taken from this pin, but buffering is required before it is applied elsewhere in a
system.
2
VIN
Analog Input. Single-ended analog input channel. The input range is 0 to REF IN.
3
GND
Analog Ground. Ground reference point for all circuitry on the AD7475/AD7495. All analog input signals and
any external reference signal should be referred to this GND voltage.
4
SCLK
Serial Clock, Logic Input. SCLK provides the serial clock for accessing data from the part. This clock input is
also used as the clock source for the AD7475/AD7495 conversion process.
5
SDATA
Data Out, Logic Output. The conversion result from the AD7475/AD7495 is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream consists of four
leading zeros followed by the 12 bits of conversion data, which is provided MSB first.
6
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines the operating voltage for the serial
interface of the AD7475/AD7495.
7
CS
Chip Select, Active Low Logic Input. This input provides the dual function of initiating conversions on the
AD7475/AD7495 and also frames the serial data transfer.
8
VDD
Power Supply Input. The VDD range for the AD7475/AD7495 is from 2.7 V to 5.25 V.


Número de pieza similar - AD7495AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7495AR AD-AD7495AR Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495AR AD-AD7495AR Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495AR-REEL AD-AD7495AR-REEL Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495AR-REEL7 AD-AD7495AR-REEL7 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495ARM AD-AD7495ARM Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
More results

Descripción similar - AD7495AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com