Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8052ARZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8052ARZ
Descripción Electrónicos  Low Cost, High Speed, Rail-to-Rail Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8052ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8052ARZ Datasheet HTML 1Page - Analog Devices AD8052ARZ Datasheet HTML 2Page - Analog Devices AD8052ARZ Datasheet HTML 3Page - Analog Devices AD8052ARZ Datasheet HTML 4Page - Analog Devices AD8052ARZ Datasheet HTML 5Page - Analog Devices AD8052ARZ Datasheet HTML 6Page - Analog Devices AD8052ARZ Datasheet HTML 7Page - Analog Devices AD8052ARZ Datasheet HTML 8Page - Analog Devices AD8052ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Cost, High Speed,
Rail-to-Rail Amplifiers
AD8051/AD8052/AD8054
Rev. J
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
High speed and fast settling on 5 V
110 MHz, −3 dB bandwidth (G = +1) (AD8051/AD8052)
150 MHz, −3 dB bandwidth (G = +1) (AD8054)
145 V/μs slew rate
50 ns settling time to 0.1%
Single-supply operation
Output swings to within 25 mV of either rail
Input voltage range: −0.2 V to +4 V; VS = 5 V
Video specifications (G = +2)
0.1 dB gain flatness: 20 MHz; RL = 150 Ω
Differential gain/phase: 0.03%/0.03°
Low distortion
−80 dBc total harmonic @ 1 MHz, RL = 100 Ω
Outstanding load drive capability
Drives 45 mA, 0.5 V from supply rails (AD8051/AD8052)
Drives 50 pF capacitive load (G = +1) (AD8051/AD8052)
Low power: 2.75 mA/amplifier (AD8054)
Low power: 4.4 mA/amplifier (AD8051/AD8052)
APPLICATIONS
Active filters
Analog-to-digital drivers
Clock buffer
Consumer video
Professional cameras
CCD imaging systems
CD/DVD ROMs
PIN CONNECTIONS (TOP VIEWS)
8
7
6
5
1
2
3
4
NC
–IN
+IN
NC
NC
AD8051
NC = NO CONNECT
+VS
VOUT
–VS
1
2
3
5
4 –IN
+IN
AD8051
+–
+VS
VOUT
–VS
Figure 1. SOIC-8 (R)
Figure 2. SOT-23-5 (RJ)
8
7
6
5
1
2
3
4
+
+
OUT1
–IN1
+IN1
OUT
–IN2
AD8052
+IN2
+VS
–VS
V+
+IN B
OUT B
OUT D
+IN D
V–
+IN C
OUT C
AD8054
+IN A
OUT A 1
2
3
4
5
6
7
14
13
12
11
10
9
8
–IN A
–IN B
–IN D
–IN C
Figure 3. SOIC (R-8) and MSOP (RM-8)
Figure 4. SOIC (R-14) and TSSOP (RU-14)
FREQUENCY (MHz)
4.5
0
50
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
5.0
0.1
1
10
VS = 5V
G = –1
RF = 2kΩ
RL = 2kΩ
Figure 5. Low Distortion Rail-to-Rail Output Swing
GENERAL DESCRIPTION
The AD8051 (single), AD8052 (dual), and AD8054 (quad) are
low cost, high speed, voltage feedback amplifiers. The amplifiers
operate on +3 V, +5 V, or ±5 V supplies at low supply current.
They have true single-supply capability with an input voltage
range extending 200 mV below the negative rail and within 1 V
of the positive rail.
Despite their low cost, the AD8051/AD8052/AD8054 provide
excellent overall performance and versatility. The output voltage
swings to within 25 mV of each rail, providing maximum output
dynamic range with excellent overdrive recovery.
The AD8051/AD8052/AD8054 are well suited for video
electronics, cameras, video switchers, or any high speed portable
equipment. Low distortion and fast settling make them ideal for
active filter applications.
The AD8051/AD8052 in the 8-lead SOIC, the AD8052 in the
MSOP, the AD8054 in the 14-lead SOIC, and the 14-lead TSSOP
packages are available in the extended temperature range of
−40°C to +125°C.


Número de pieza similar - AD8052ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8052ARZ AD-AD8052ARZ Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052ARZ-REEL AD-AD8052ARZ-REEL Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052ARZ-REEL7 AD-AD8052ARZ-REEL7 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
More results

Descripción similar - AD8052ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com