Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9631AR-REEL Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD9631AR-REEL
Descripción Electrónicos  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9631AR-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD9631AR-REEL Datasheet HTML 1Page - Analog Devices AD9631AR-REEL Datasheet HTML 2Page - Analog Devices AD9631AR-REEL Datasheet HTML 3Page - Analog Devices AD9631AR-REEL Datasheet HTML 4Page - Analog Devices AD9631AR-REEL Datasheet HTML 5Page - Analog Devices AD9631AR-REEL Datasheet HTML 6Page - Analog Devices AD9631AR-REEL Datasheet HTML 7Page - Analog Devices AD9631AR-REEL Datasheet HTML 8Page - Analog Devices AD9631AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. C
–2–
AD9631/AD9632–SPECIFICATIONS
AD9631A
AD9632A
Parameter
Conditions
Min
Typ
Max
Min
Typ Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (–3 dB)
Small Signal
VOUT
0.4 V p-p
220
320
180
250
MHz
Large Signal
1
VOUT = 4 V p-p
150
175
155
180
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 300 mV p-p
AD9631, RF = 140
W;
130
130
MHz
AD9632, RF = 425
W
Slew Rate, Average
±
VOUT = 4 V Step
1000 1300
1200 1500
V/
ms
Rise/Fall Time
VOUT = 0.5 V Step
1.2
1.4
ns
VOUT = 4 V Step
2.5
2.1
ns
Settling Time
To 0.1%
VOUT = 2 V Step
11
11
ns
To 0.01%
VOUT = 2 V Step
16
16
ns
HARMONIC/NOISE PERFORMANCE
Second Harmonic Distortion
2 V p-p; 20 MHz, RL = 100
W
–64
–57
–54
–47
dBc
RL = 500
W
–72
–65
–72
–65
dBc
Third Harmonic Distortion
2 V p-p; 20 MHz, RL = 100
W
–76
–69
–74
–67
dBc
RL = 500
W
–81
–74
–81
–74
dBc
Third Order Intercept
25 MHz
46
41
dBm
Noise Figure
RS = 50
W
18
14
dB
Input Voltage Noise
1 MHz to 200 MHz
7.0
4.3
nV/
÷Hz
Input Current Noise
1 MHz to 200 MHz
2.5
2.0
pA/
÷Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 200 MHz
100
60
mV rms
Differential Gain Error (3.58 MHz)
RL = 150
W
0.03
0.06
0.02 0.04
%
Differential Phase Error (3.58 MHz)
RL = 150
W
0.02
0.04
0.02 0.04
Degree
Phase Nonlinearity
DC to 100 MHz
1.1
1.1
Degree
DC PERFORMANCE
2
, RL = 150
W
Input Offset Voltage
3
310
2
5
mV
TMIN–TMAX
13
8
mV
Offset Voltage Drift
±10
±10
mV/ C
Input Bias Current
2
7
2
7
mA
TMIN–TMAX
10
10
mA
Input Offset Current
0.1
3
0.1
3
mA
TMIN–TMAX
55
mA
Common-Mode Rejection Ratio
VCM =
±2.5 V
70
90
70
90
dB
Open-Loop Gain
VOUT =
±2.5 V
46
52
46
52
dB
TMIN–TMAX
40
40
dB
INPUT CHARACTERISTICS
Input Resistance
500
500
k
W
Input Capacitance
1.2
1.2
pF
Input Common-Mode Voltage Range
±3.4
±3.4
V
OUTPUT CHARACTERISTICS
Output Voltage Range, RL = 150
W±3.2 ±3.9
±3.2 ±3.9
V
Output Current
70
70
mA
Output Resistance
0.3
0.3
W
Short Circuit Current
240
240
mA
POWER SUPPLY
Operating Range
±3.0 ±5.0 ±6.0 ±3.0 ±5.0 ±6.0 V
Quiescent Current
17
18
16
17
mA
TMIN–TMAX
21
20
mA
Power Supply Rejection Ratio
TMIN–TMAX
50
60
56
66
dB
NOTES
1See Absolute Maximum Ratings and Theory of Operation sections of this data sheet.
2Measured at A
V = 50.
3Measured with respect to the inverting input.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS ( VS = 5 V; RLOAD = 100 ; AV= 1 (AD9631); AV = 2 (AD9632), unless otherwise noted.)


Número de pieza similar - AD9631AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9631AR-REEL AD-AD9631AR-REEL Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AR-REEL AD-AD9631AR-REEL Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD9631AR-REEL7 AD-AD9631AR-REEL7 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AR-REEL7 AD-AD9631AR-REEL7 Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
More results

Descripción similar - AD9631AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632ARZ AD-AD9632ARZ Datasheet
574Kb / 20P
   Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20