Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM206ARZ Datasheet(PDF) 1 Page - Analog Devices |
|
ADM206ARZ Datasheet(HTML) 1 Page - Analog Devices |
1 / 16 page 0.1 µF, 5 V Powered CMOS RS-232 Drivers/Receivers ADM206–ADM211/ADM213 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 © 2005 Analog Devices, Inc. All rights reserved. FEATURES 0.1 µF to 10 µF capacitors 120 kB/s data rate Two receivers active in shutdown (ADM213) On-board dc-to-dc converters ±9 V output swing with 5 V supply Low power (15 mW) Low power shutdown ≤ 5 µW ±30 V receiver input levels Latch-up free Plug-in upgrade for MAX205-211/213 APPLICATIONS Computers Peripherals Modems Printers Instruments GENERAL DESCRIPTION The ADM2xx family of line drivers/receivers is intended for all EIA-232-E and V.28 communications interfaces, especially in applications where ±12 V is not available. The ADM206, ADM211, and ADM213 feature a low power shutdown mode that reduces power dissipation to less than 5 µW, making them ideally suited for battery-powered equipment. The ADM213 has an active low shutdown and an active high receiver-enable control. Two receivers of the ADM213 remain active during shutdown. This feature is useful for ring indicator monitoring. TYPICAL OPERATING CIRCUIT 0.1 µF 6.3V + + 0.1 µF 5V INPUT + 0.1 µF 16V 0.1 µF 16V + 0.1 µF 16V + T1 T2 T3 T4 R1 R2 R3 R4 R5 GND ADM211 T1IN T2IN T3IN T4IN R1OUT R2OUT R3OUT R4OUT R5OUT T1OUT T2OUT T3OUT T4OUT R1IN R2IN R3IN R4IN R5IN SD TTL/CMOS INPUTS1 TTL/CMOS OUTPUTS RS-232 OUTPUTS RS-232 INPUTS2 +5V TO +10V VOLTAGE DOUBLER +10V TO –10V VOLTAGE INVERTER NOTES 1INTERNAL 400k Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT. 2INTERNAL 5k Ω PULL-DOWN RESIST OR ON EACH RS-232 INPUT. C1+ C1– C2+ C2– VCC V+ V– EN 12 14 15 16 11 13 17 2 3 1 28 9 4 27 23 18 25 7 6 20 21 8 5 26 22 19 24 10 Figure 1. All members of the ADM2xx family, except the ADM209, include two internal charge pump voltage converters that allow operation from a single 5 V supply. These parts convert the 5 V input power to the ±10 V required for RS-232 output levels. The ADM209 is designed to operate from 5 V and 12 V supplies. An internal +12 V to –12 V charge pump voltage converter generates the –12 V supply. Table 1. Selection Table Part Number Power Supply Voltage Number of RS- 232 Drivers Number of RS-232 Receivers External Capacitors Low Power Shutdown (SD) TTL Three- State EN Number of Receivers Active in Shutdown ADM206 5 V 4 3 4 Yes Yes 0 ADM207 5 V 5 3 4 No No 0 ADM208 5 V 4 4 4 No No 0 ADM209 5 V and 9 V to 13.2 V 3 5 2 No Yes 0 ADM211 5 V 4 5 4 Yes Yes 0 ADM213 5 V 4 5 4 Yes (SD) Yes (EN) 2 |
Número de pieza similar - ADM206ARZ |
|
Descripción similar - ADM206ARZ |