Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR540BKSZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADR540BKSZ-REEL7
Descripción Electrónicos  High Precision Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR540BKSZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR540BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR540BKSZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E | Page 9 of
16
VIN = 2V/DIV
VOUT = 1V/DIV
4µs/DIV
IIN = 10mA
TIME (µs)
Figure 8. ADR520 Turn-On Response
VIN = 2V/DIV
VOUT = 1V/DIV
10µs/DIV
IIN = 100µA
TIME (µs)
Figure 9. ADR520 Turn-On Response
VIN = 2V/DIV
VOUT = 2V/DIV
4µs/DIV
IIN = 10mA
TIME (µs)
Figure 10. ADR550 Turn-On Response
VIN = 2V/DIV
VOUT = 2V/DIV
20µs/DIV
IIN = 100µA
TIME (µs)
Figure 11. ADR550 Turn-On Response
5µs/DIV
PEAK-TO-PEAK
13.5µV
RMS
2.14µV
TIME (µs)
Figure 12. ADR520 Voltage Noise 0.1 Hz to 10 Hz
VOUT = 50mV/DIV
10µs/DIV
V GEN = 2V/DIV
IIN = 1mA
TIME (µs)
Figure 13. ADR525 Load Transient Response


Número de pieza similar - ADR540BKSZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR540BKS-R2 AD-ADR540BKS-R2 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR540BKS-REEL7 AD-ADR540BKS-REEL7 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
More results

Descripción similar - ADR540BKSZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
   High Precision Shunt Mode Voltage References
Rev. F
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com