Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLHM620TR2PBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRLHM620TR2PBF
Descripción Electrónicos  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLHM620TR2PBF Datasheet(HTML) 3 Page - International Rectifier

  IRLHM620TR2PBF Datasheet HTML 1Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 2Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 3Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 4Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 5Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 6Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 7Page - International Rectifier IRLHM620TR2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRLHM620PbF
www.irf.com
3
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
4.5V
3.5V
2.5V
2.0V
1.8V
1.5V
BOTTOM
1.3V
≤60µs PULSE WIDTH
Tj = 25°C
1.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
1.3V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
4.5V
3.5V
2.5V
2.0V
1.8V
1.5V
BOTTOM
1.3V
0.5
1.0
1.5
2.0
2.5
VGS, Gate-to-Source Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 10V
≤60µs PULSE WIDTH
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20406080
100
120
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 16V
VDS= 10V
VDS= 4.0V
ID= 20A
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
ID = 20A
VGS = 4.5V


Número de pieza similar - IRLHM620TR2PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLHM620 IRF-IRLHM620 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRLHM620PBF IRF-IRLHM620PBF Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com