Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54103IHZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL54103IHZ-T7
Descripción Electrónicos  More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54103IHZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL54103IHZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL54103IHZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN6303.2
October 14, 2011
Functional Description
DDC Overview
DDC is a 2-wire serial communication standard based on the
I2C standard. Devices communicate to each other using one
clock (SCL) and one data (SDA) line. These are both
bidirectional.
Each signal is connected to a positive supply voltage via a
current-source or pull-up resistor (see “System Diagram” on
page 3). When the bus is free, both lines are HIGH. The
output stages of all devices connected to the bus must have
an open-drain or open-collector to perform the wired-AND
function.
Simple pull-up resistors on the clock and data lines work well
unless there are long signal lines. The combined
capacitance of long cables increases the rise time on the
signal to such an extent that the communication becomes
unreliable or fails to meet the bus timing specifications.
Smaller value resistors can sometimes compensate for the
extra capacitance, but this increases the current
consumption when the signal lines are pulled LOW.
ISL54103 Operation
To improve the operation of the DDC where larger bus
capacitance exists, the ISL54103 provides active pull-up
using switched current sources. When the bus is idle and
both lines are HIGH, a standby pull-up current of 100µA is
used to maintain the signal level while minimizing power
consumption. When either of the two signals is pulled LOW,
an active pull-up current of 275µA maintains a good VOL
noise margin.
FIGURE 5. VTRIPH VOLTAGE
FIGURE 6. IDD CURRENT, DDC1 = DDC2 = OPEN
FIGURE 7. BOOST PULL-UP CURRENT vs DDC VOLTAGE
Typical Performance Curves (Continued)
0.50
0.55
0.60
0.65
0.70
0.45
0.40
0.35
0.30
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD = 5.5V
VDD = 2.7V
75
80
85
90
95
70
65
60
55
-40
-20
0
204060
80
100
-60
TEMPERATURE (°C)
VDD = 5.5V
VDD = 2.7V
2.0
2.5
3.0
3.5
1.5
1.0
0.5
0
12
34
5
0
DDC VOLTAGE (V)
6
VDD = 5.0V
VDD = 2.7V
ISL54103


Número de pieza similar - ISL54103IHZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54103IHZ-T7 INTERSIL-ISL54103IHZ-T7 Datasheet
177Kb / 7P
   DDC Accelerator (DDCA)
logo
Renesas Technology Corp
ISL54103IHZ-T7 RENESAS-ISL54103IHZ-T7 Datasheet
448Kb / 8P
   DDC Accelerator (DDCA)
ISL54103IHZ-T7A RENESAS-ISL54103IHZ-T7A Datasheet
448Kb / 8P
   DDC Accelerator (DDCA)
More results

Descripción similar - ISL54103IHZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9316 LVL1-AVE-9316 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9304A LVL1-AVE-9304A Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9308 LVL1-AVE-9308 Datasheet
1Mb / 4P
   Audio/Video Extenders
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
logo
STMicroelectronics
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
   In automotive more and more often comes in foreground
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com