Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC32044EFN Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TLC32044EFN
Descripción Electrónicos  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044EFN Datasheet(HTML) 5 Page - Texas Instruments

  TLC32044EFN Datasheet HTML 1Page - Texas Instruments TLC32044EFN Datasheet HTML 2Page - Texas Instruments TLC32044EFN Datasheet HTML 3Page - Texas Instruments TLC32044EFN Datasheet HTML 4Page - Texas Instruments TLC32044EFN Datasheet HTML 5Page - Texas Instruments TLC32044EFN Datasheet HTML 6Page - Texas Instruments TLC32044EFN Datasheet HTML 7Page - Texas Instruments TLC32044EFN Datasheet HTML 8Page - Texas Instruments TLC32044EFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
WORD/BYTE
13
I
Used in conjunction with a bit in the control register, WORD/BYTE is used to establish one of four serial
modes. These four serial modes are described below.
AIC transmit and receive sections are operated asynchronously.
The following description applies when the AIC is configured to have asynchronous transmit and receive
sections. If the appropriate data bit in the control register is a 0 (see the AIC DX data word format section),
the transmit and receive sections are asynchronous.
L
Serial port directly interfaces with the serial port of the DSP and communicates in two
8-bit bytes. The operation sequence is as follows (see Serial Port Timing diagrams).
1. FSX or FSR is brought low.
2. One 8-bit byte is transmitted or one 8-bit byte is received.
3. EODX or EODR is brought low.
4. FSX or FSR emits a positive frame-sync pulse that is four shift clock cycles wide.
5. One 8-bit byte is transmitted or one 8-bit byte is received.
6. EODX or EODR is brought high.
7. FSX or FSR is brought high.
H
Serial port directly interfaces with the serial ports of the TMS(SMJ)32020, TMS(SMJ)320C25, or
TMS(SMJ)320C30, and communicates in one 16-bit word. The operation sequence is as follows
(see Serial Port Timing diagrams):
1.
FSX or FSR is brought low.
2. One 16-bit word is transmitted or one 16-bit word is received.
3. FSX or FSR is brought high.
4. EODX or EODR emits a low-going pulse.
AIC transmit and receive sections are operated synchronously.
If the appropriate data bit in the control register is 1, the transmit and receive sections are configured to be
synchronous. In this case, the bandpass switched-capacitor filter and the A/D conversion timing are derived
from the TX counter A, TX counter B, and TA, TA’, and TB registers, rather than the RX counter A, RX counter
B, and RA, RA’, and RB registers. In this case, the AIC FSX and FSR timing are identical during primary
data communication; however, FSR is not asserted during secondary data communication since there is
no new A/D conversion result. The synchronous operation sequences are as follows (see Serial Port Timing
diagrams).
L
Serial port directly interfaces with the serial port of the DSP and communicates in two 8-bit
bytes. The operation sequence is as follows (see Serial Port Timing diagrams):
1. FSX and FSR are brought low.
2. One 8-bit byte is transmitted and one 8-bit byte is received.
3. EODX and EODR are brought low.
4. FSX and FSR emit positive frame-sync pulses that are four shift clock cycles wide.
5. One 8-bit byte is transmitted and one 8-bit byte is received.
6. EODX and EODR are brought high.
7. FSX and FSR are brought high.
H
Serial port directly interfaces with the serial port of the TMS(SJM)32020, TMS(SMJ)320C25, or
TMS320C30, and communicates in one 16-bit word. The operation sequence is as follows (see
Serial Port Timing diagrams):
1. FSX and FSR are brought low.
2. One 16-bit word is transmitted and one 16-bit word is received.
3. FSX and FSR are brought high.
4. EODX or EODR emit low-going pulses.
Since the transmit and receive sections of the AIC are now synchronous, the AIC serial port with additional
NOR and AND gates interface to two SN74(54)299 serial-to-parallel shift registers. Interfacing the AIC to
the SN74(54)299 shift register allows the AIC to interface to an external FIFO RAM and facilitates parallel,
data bus communications between the AIC and the digital signal processor. The operation sequence is the
same as the above sequence (see Serial Port Timing diagrams).


Número de pieza similar - TLC32044EFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC32044EFN TI-TLC32044EFN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044EFN TI1-TLC32044EFN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Descripción similar - TLC32044EFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI1-TLC32044C_11 Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com