Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3352BZCE30 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3352BZCE30
Descripción Electrónicos  Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM3352BZCE30 Datasheet(HTML) 3 Page - Texas Instruments

  AM3352BZCE30 Datasheet HTML 1Page - Texas Instruments AM3352BZCE30 Datasheet HTML 2Page - Texas Instruments AM3352BZCE30 Datasheet HTML 3Page - Texas Instruments AM3352BZCE30 Datasheet HTML 4Page - Texas Instruments AM3352BZCE30 Datasheet HTML 5Page - Texas Instruments AM3352BZCE30 Datasheet HTML 6Page - Texas Instruments AM3352BZCE30 Datasheet HTML 7Page - Texas Instruments AM3352BZCE30 Datasheet HTML 8Page - Texas Instruments AM3352BZCE30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
1-Bit, 4-Bit and 8-Bit MMC, SD, and SDIO
a Firmware Timer
Modes
512-Word Deep Internal FIFO
MMCSD0 has dedicated Power Rail for
Supported Display Types:
1.8-V or 3.3-V Operation
Character Displays - Uses LCD
Up to 48-MHz Data Transfer Rate
Interface Display Driver (LIDD)
Supports Card Detect and Write Protect
Controller to Program these Displays
Complies with MMC4.3 and SD and SDIO
Passive Matrix LCD Displays - Uses
2.0 Specifications
LCD Raster Display Controller to
Provide Timing and Data for Constant
– Up to Three I2C Master and Slave Interfaces
Graphics Refresh to a Passive Display
Standard Mode (up to 100 kHz)
Active Matrix LCD Displays - Uses
Fast Mode (up to 400 kHz)
External Frame Buffer Space and the
– Up to Four Banks of General-Purpose IO
Internal DMA Engine to Drive
(GPIO)
Streaming Data to the Panel
32 GPIOs per Bank (Multiplexed with
– 12-Bit Successive Approximation Register
Other Functional Pins)
(SAR) ADC
GPIOs Can be Used as Interrupt Inputs
200K Samples per Second
(Up to Two Interrupt Inputs per Bank)
Input Can be Selected from any of the
– Up to Three External DMA Event Inputs That
Eight Analog Inputs Multiplexed Through
Can Also be Used as Interrupt Inputs
an 8:1 analog Switch
– Eight 32-Bit General-Purpose Timers
Can be Configured to Operate as a 4-wire,
DMTIMER1 is a 1-ms Timer Used for
5-wire, or 8-wire Resistive Touch Screen
Operating System (OS) Ticks
Controller (TSC) Interface
DMTIMER4 - DMTIMER7 are Pinned Out
– Up to Three 32-Bit Enhanced Capture
– One Watchdog Timer
Modules (eCAP)
– SGX530 3D Graphics Engine
Configurable as Three Capture Inputs or
Tile-Based Architecture Delivering Up to
Three Auxiliary PWM Outputs
20 Million Polygons per second
– Up to Three Enhanced High-Resolution PWM
Universal Scalable Shader Engine is a
Modules (eHRPWM)
Multi-Threaded Engine Incorporating
Dedicated 16-Bit Time-Base Counter with
Pixel and Vertex Shader Functionality
Time and Frequency Controls
Advanced Shader Feature Set in Excess
Configurable as Six Single-Ended, Six
of Microsoft VS3.0, PS3.0 and OGL2.0
Dual-Edge Symmetric, or Three Dual-
Industry Standard API Support of
Edge Asymmetric Outputs
Direct3D Mobile, OGL-ES 1.1 and 2.0,
– Up to Three 32-Bit Enhanced Quadrature
OpenVG 1.0, and OpenMax
Encoder Pulse (eQEP) Modules
Fine-Grained Task Switching, Load
• Device Identification
Balancing and Power Management
– Contains Electrical fuse Farm (FuseFarm) of
Advanced Geometry DMA Driven
Which Some Bits are Factory Programmable
Operation for Minimum CPU Interaction
Production ID
Programmable High-Quality Image Anti-
Device Part Number (Unique JTAG ID)
Aliasing
Device Revision (readable by Host ARM)
Fully Virtualized Memory Addressing for
• Debug Interface Support
OS Operation in a Unified Memory
– JTAG and cJTAG for ARM (Cortex-A8 and
Architecture
PRCM), PRU-ICSS Debug
– LCD Controller
– Supports Device Boundary Scan
Up to 24-Bits Data Output; 8-Bits per
– Supports IEEE 1500
Pixel (RGB)
• DMA
Resolution Up to 2048x2048 (With
– On-Chip Enhanced DMA Controller (EDMA)
Maximum 126-MHz Pixel Clock)
has Three Third-Party Transfer Controllers
Integrated LCD Interface Display Driver
(TPTC) and One Third-Party Channel
(LIDD) Controller
Controller (TPCC), Which Supports Up to 64
Integrated Raster Controller
Programmable Logical Channels and Eight
Integrated DMA Engine to Pull Data from
QDMA Channels. EDMA is Used for:
the External Frame Buffer without
Transfers to and from On-Chip Memories
Burdening the Processor via Interrupts or
Copyright © 2011–2013, Texas Instruments Incorporated
Device Summary
3
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Número de pieza similar - AM3352BZCE30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3352BZCE30 TI1-AM3352BZCE30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCE30 TI1-AM3352BZCE30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCE30 TI1-AM3352BZCE30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCE30 TI1-AM3352BZCE30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCE30 TI1-AM3352BZCE30 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Descripción similar - AM3352BZCE30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com