Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7632VFTG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza DAC7632VFTG4
Descripción Electrónicos  16-Bit, Dual Voltage Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7632VFTG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC7632VFTG4 Datasheet HTML 1Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 2Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 3Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 4Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 5Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 6Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 7Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 8Page - Texas Instruments DAC7632VFTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DAC7632
5
SBAS234A
www.ti.com
PIN
NAME
DESCRIPTION
1VCC
Analog +5V Power Supply
2, 3
AGND
Analog Ground
4
NC
No Connection
5, 6
DGND
Digital Ground
7VDD
Digital +5V Power Supply
8
SDO
Serial Data Output
9-16
NC
No Connection
17
CLK
Data Clock Input
18
SDI
Serial Data Input
19
CS
Chip Select, Active LOW
20
RSTSEL
Reset Select. Determines the action of RST. If
HIGH, a RST common will set the DAC registers
to mid-scale code (8000H). If LOW, a RST
command will set the DAC registers to zero-scale
code (0000H).
21
RST
Reset, Rising Edge Triggered. Depending on the
state of RSTSEL, the DAC registers are set to
either mid-scale code or zero-scale code.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
22
LDAC
DAC Register Load Control, Rising Edge
Triggered
23
LOAD
DAC Input Register Load Control, Active LOW
24
VSS
Analog –5V Power Supply (or 0V for Single Supply)
25
VOUTB
DAC B Output Voltage
26
VOUTB Sense
DAC B Output Amplifier Inverting Input. Used to
close the feedback loop at the load.
27
VREFH Sense
DAC A and B Reference High Sense Input
28
VREFH
DAC A and B Reference High Input
29
VREFL
DAC A and B Reference Low Input
30
VREFL Sense
DAC A and B Reference Low Sense Input
31
VREFA Sense
DAC A Output Amplifier Inverting Input. Used to
close the feedback loop at the load.
32
VOUTA
DAC A Output Voltage
Top View
SSOP
PIN CONFIGURATION
V
CC
AGND
AGND
NC
DGND
DGND
V
DD
SDO
V
SS
LOAD
LDAC
RST
RSTSEL
CS
SDI
CLK
1
2
3
4
5
6
7
8
NC = No Connection
24
23
22
21
20
19
18
17
DAC7632


Número de pieza similar - DAC7632VFTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7632VFT BURR-BROWN-DAC7632VFT Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7632VFTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5766 AD-AD5766 Datasheet
1Mb / 43P
   16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
AD5767 AD-AD5767 Datasheet
1Mb / 43P
   16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8571IDGKRG4 TI1-DAC8571IDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com