Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2543QRTERQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2543QRTERQ1
Descripción Electrónicos  USB Charging Port Controller and Power Switch with Load Detection
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2543QRTERQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2543QRTERQ1 Datasheet HTML 6Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 7Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 8Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 9Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 10Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 11Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 12Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 13Page - Texas Instruments TPS2543QRTERQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
0
60
10
40
20
50
0.01
1
Frequency - GHz
0.1
10
30
0
60
10
40
20
50
0.01
1
Frequency - GHz
0.1
10
30
80
70
-20
0
-20
-10
-15
-5
0.01
1
Frequency - GHz
0.1
10
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9
10
Sinking Current (mA)
TJ = −40°C
TJ = 25°C
TJ = 125°C
VIN = 4.5 V
G009
TPS2543-Q1
SLVSBW2 – MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
STATUS AND FAULT OUTPUT LOW VOLTAGE
DATA TRANSMISSION CHARACTERISTICS
vs
vs
SINKING CURRENT
FREQUENCY
Figure 9.
Figure 10.
OFF STATE DATA SWITCH ISOLATION
ON STATE CROSS-CHANNEL ISOLATION
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2543-Q1


Número de pieza similar - TPS2543QRTERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTER TI1-TPS2543RTER Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTET TI1-TPS2543RTET Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Descripción similar - TPS2543QRTERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com