Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM188ES-25VCW Datasheet(PDF) 7 Page - InnovASIC, Inc |
|
AM188ES-25VCW Datasheet(HTML) 7 Page - InnovASIC, Inc |
7 / 154 page IA186ES/IA188ES Data Sheet 8-Bit/16-Bit Microcontrollers November 15, 2011 IA211050902-19 http://www.innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 7 of 154 1-888-824-4184 ® 5.1.27 PDATA1 (07ah) and PDATA0 (074h)...........................................................87 5.1.28 PDIR1 (078h) and PDIR0 (072h) ...................................................................89 5.1.29 PMODE1 (076h) and PMODE0 (070h) .........................................................90 5.1.30 T1CON (05eh) and T0CON (056h)................................................................91 5.1.31 T2CON (066h)................................................................................................92 5.1.32 T2COMPA (062h), T1COMPB (05ch), T1COMPA (05ah), T0COMPB (054h), and T0COMPA (052h) ...................................................93 5.1.33 T2CNT (060h), T1CNT (058h), and T0CNT (050h) .....................................93 5.1.34 SP0CON (044h) and SP1CON (042h) (Master Mode) ..................................94 5.1.35 I4CON (040h) (Master Mode)........................................................................95 5.1.36 I3CON (03eh) and I2CON (03ch) (Master Mode) .........................................95 5.1.37 I1CON (03ah) and I0CON (038h) (Master Mode).........................................96 5.1.38 TCUCON (032h) (Master Mode) ...................................................................97 5.1.39 T2INTCON (03ah), T1INTCON (038h), and T0INTCON (032h) (Slave Mode) ..................................................................................................97 5.1.40 DMA1CON/INT6CON (036h) and DMA0CON/INT5CON (034h) (Master Mode) ................................................................................................98 5.1.41 DMA1CON/INT6 (036h) and DMA0CON/INT5 (034h) (Slave Mode)..............................................................................................................98 5.1.42 INTSTS (030h) (Master Mode) ......................................................................99 5.1.43 INTSTS (030h) (Slave Mode) ........................................................................99 5.1.44 REQST (02eh) (Master Mode) .....................................................................100 5.1.45 REQST (02eh) (Slave Mode) .......................................................................101 5.1.46 INSERV (02ch) (Master Mode) ...................................................................101 5.1.47 INSERV (02ch) (Slave Mode)......................................................................102 5.1.48 PRIMSK (02ah) (Master and Slave Mode) ..................................................103 5.1.49 IMASK (028h) (Master Mode).....................................................................103 5.1.50 IMASK (028h) (Slave Mode) .......................................................................104 5.1.51 POLLST (026h) (Master Mode) ...................................................................105 5.1.52 POLL (024h) (Master Mode)........................................................................105 5.1.53 EOI (022h) End-Of-Interrupt Register (Master Mode) ................................106 5.1.54 EOI (022h) Specific End-Of-Interrupt Register (Slave Mode) ....................106 5.1.55 INTVEC (020h) Interrupt Vector Register (Slave Mode) ............................107 5.2 Reference Documents ...............................................................................................107 6. AC Specifications ...............................................................................................................108 7. Instruction Set Summary Table ..........................................................................................134 7.1 Key to Abbreviations Used in Instruction Set Summary Table ................................144 7.1.1 Operand Address Byte ..................................................................................144 7.1.2 Modifier Field ...............................................................................................144 7.1.3 Auxiliary Field..............................................................................................144 7.1.4 r/m Field........................................................................................................145 7.1.5 Displacement ................................................................................................145 |
Número de pieza similar - AM188ES-25VCW |
|
Descripción similar - AM188ES-25VCW |