Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC857C Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza BC857C
Descripción Electrónicos  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC857C Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC857C Datasheet HTML 1Page - Infineon Technologies AG BC857C Datasheet HTML 2Page - Infineon Technologies AG BC857C Datasheet HTML 3Page - Infineon Technologies AG BC857C Datasheet HTML 4Page - Infineon Technologies AG BC857C Datasheet HTML 5Page - Infineon Technologies AG BC857C Datasheet HTML 6Page - Infineon Technologies AG BC857C Datasheet HTML 7Page - Infineon Technologies AG BC857C Datasheet HTML 8Page - Infineon Technologies AG BC857C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2011-09-19
5
BC857...-BC860...
DC current gain hFE = ƒ(IC)
VCE = 1 V
10
10
10
10
EHP00382
h
mA
-2
-1
12
FE
3
10
10
2
0
10
5
5
10
1
0
10
5
555
100
25
-50
C
Ι
C
C
C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 20
10
0
EHP00380
V
CEsat
10
mA
10
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
Ι
C
C
C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 20
0
10
EHP00379
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50C
Collector cutoff current ICBO = ƒ(TA)
VCBO = 30 V
10
0
50
100
150
EHP00381
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
C


Número de pieza similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
BC857C YEASHIN-BC857C Datasheet
922Kb / 7P
   General Purpose Transistors
logo
NXP Semiconductors
BC857C PHILIPS-BC857C Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC857C INFINEON-BC857C Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Diodes Incorporated
BC857C DIODES-BC857C Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
logo
Infineon Technologies A...
BC857C INFINEON-BC857C Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Descripción similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com