Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC857CW Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza BC857CW
Descripción Electrónicos  PNP Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC857CW Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BC857CW Datasheet HTML 3Page - Infineon Technologies AG BC857CW Datasheet HTML 4Page - Infineon Technologies AG BC857CW Datasheet HTML 5Page - Infineon Technologies AG BC857CW Datasheet HTML 6Page - Infineon Technologies AG BC857CW Datasheet HTML 7Page - Infineon Technologies AG BC857CW Datasheet HTML 8Page - Infineon Technologies AG BC857CW Datasheet HTML 9Page - Infineon Technologies AG BC857CW Datasheet HTML 10Page - Infineon Technologies AG BC857CW Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2011-09-19
7
BC857...-BC860...
Total power dissipation Ptot = ƒ(TS)
BC857W-BC860W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
BC857/W-BC860/W
10
EHP00377
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t
Permissible Puls Load RthJS = ƒ (tp)
BC857BL3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
BC857BL3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Número de pieza similar - BC857CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC857CW SIEMENS-BC857CW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Continental Device Indi...
BC857CW CDIL-BC857CW Datasheet
376Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Diodes Incorporated
BC857CW DIODES-BC857CW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Diotec Semiconductor
BC857CW DIOTEC-BC857CW Datasheet
125Kb / 2P
   SMD General Purpose PNP Transistors
logo
Infineon Technologies A...
BC857CW INFINEON-BC857CW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Descripción similar - BC857CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com