Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMA210-115 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza KMA210-115
Descripción Electrónicos  Programmable angle sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA210-115 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KMA210-115 Datasheet HTML 7Page - NXP Semiconductors KMA210-115 Datasheet HTML 8Page - NXP Semiconductors KMA210-115 Datasheet HTML 9Page - NXP Semiconductors KMA210-115 Datasheet HTML 10Page - NXP Semiconductors KMA210-115 Datasheet HTML 11Page - NXP Semiconductors KMA210-115 Datasheet HTML 12Page - NXP Semiconductors KMA210-115 Datasheet HTML 13Page - NXP Semiconductors KMA210-115 Datasheet HTML 14Page - NXP Semiconductors KMA210-115 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
KMA210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 7 December 2011
11 of 37
NXP Semiconductors
KMA210
Programmable angle sensor
[1]
At a nominal output voltage between 5 %VDD and 95 %VDD and a maximum angle of max = 180.
[2]
In steps of resolution < 0.022
.
[3]
Activation is dependent on the programmed diagnostic mode.
[4]
At a low-pass filtered analog output with a cut-off frequency of 0.7 kHz.
[5]
Settling to these values is limited by 0.7 kHz low-pass filtering of analog output.
[6]
In steps of 0.02 %VDD.
[7]
Definition of errors is given in Section 12.
[8]
Based on a 3
 standard deviation.
[9]
Room temperature is given for an ambient temperature of 25
C.
[10] Graph of angular error is shown in Figure 5.

ang
angular error
temperature range
40 Cto+160 C
[4][7]
[10]
1.35
-
+1.35
deg
temperature range
40 Cto+140 C
[4][7]
[10]
1.1
-
+1.1
deg
mang
slope of angular error
[4][7]
[10]
-
-
0.04
deg/deg
ZO(pl)
power-loss output
impedance
impedance to remaining
supply line in case of lost
supply voltage or lost ground
--
210
Table 12.
Module performance …continued
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1)
40 C to +160 C
(2)
40 C to +140 C
Fig 5.
Envelope curve for the magnitude of angular error
001aal765
1.40
1.35
|
Δφang|
(deg)
1.10
0.75
0.65
0
−16
−12.25
−1 0 1
12.25
α1 − α0 (deg)
16
20
−20
(1)
(2)


Número de pieza similar - KMA210-115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
KMA215 NXP-KMA215 Datasheet
443Kb / 50P
   Programmable angle sensor with SAE J2716 SENT
Rev. 1-24 February 2014
More results

Descripción similar - KMA210-115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com