Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5332 Datasheet(PDF) 8 Page - Analog Devices |
|
AD5332 Datasheet(HTML) 8 Page - Analog Devices |
8 / 24 page AD5305/AD5315/AD5325 Rev. G | Page 8 of 24 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 10 9 8 7 6 1 2 3 4 5 GND SDA SCL REFIN A0 AD5305/ AD5315/ AD5325 TOP VIEW (Not to Scale) VDD VOUTA VOUTB VOUTC VOUTD Figure 3. Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 VDD Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be decoupled to GND. 2 VOUTA Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation. 3 VOUTB Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation. 4 VOUTC Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation. 5 REFIN Reference Input Pin for All Four DACs. It has an input range from 0.25 V to VDD. 6 VOUTD Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation. 7 GND Ground Reference Point for All Circuitry on the Part. 8 SDA Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input shift register. It is a bidirectional open-drain data line that should be pulled to the supply with an external pull-up resistor. 9 SCL Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input shift register. Clock rates of up to 400 kb/s can be accommodated in the 2-wire interface. 10 A0 Address Input. Sets the least significant bit of the 7-bit slave address. |
Número de pieza similar - AD5332 |
|
Descripción similar - AD5332 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |