Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT240PC Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74ACT240PC
Descripción Electrónicos  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT240PC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT240PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT240PC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC240, 74ACT240 Rev. 1.2.0
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V
± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
7. Voltage range 5.0 is 5.0V
± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
Data to Output
3.3
1.5
6.0
8.0
1.0
9.0
ns
5.0
1.5
4.5
6.5
1.0
7.0
tPHL
Propagation Delay
Data to Output
3.3
1.5
5.5
8.0
1.0
8.5
ns
5.0
1.5
4.5
6.0
1.0
6.5
tPZH
Output Enable Time
3.3
1.5
6.0
10.5
1.0
11.0
ns
5.0
1.5
5.0
7.0
1.0
8.0
tPZL
Output Enable Time
3.3
1.5
7.0
10.0
1.0
11.0
ns
5.0
1.5
5.5
8.0
1.0
8.5
tPHZ
Output Disable Time
3.3
1.5
7.0
10.0
1.0
10.5
ns
5.0
1.5
6.5
9.0
1.0
9.5
tPLZ
Output Disable Time
3.3
1.5
7.5
10.5
1.0
11.5
ns
5.0
1.5
6.5
9.0
1.0
9.5
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
5.0
1.5
6.0
8.5
1.5
9.5
ns
tPHL
Propagation Delay,
Data to Output
5.0
1.5
5.5
7.5
1.5
8.5
ns
tPZH
Output Enable Time
5.0
1.5
7.0
8.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
2.0
7.0
9.5
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
2.0
8.0
9.5
2.0
10.5
ns
tPLZ
Output Disable Time
5.0
2.5
6.5
10.0
2.0
10.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
45.0
pF


Número de pieza similar - 74ACT240PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACT240PC FAIRCHILD-74ACT240PC Datasheet
88Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ACT240PC FAIRCHILD-74ACT240PC Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT240PC ONSEMI-74ACT240PC Datasheet
337Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.2.0
logo
Fairchild Semiconductor
74ACT240PC-NL FAIRCHILD-74ACT240PC-NL Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74ACT240PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com